Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 3 Page - Analog Devices

  SSM2602 Datasheet HTML 1Page - Analog Devices SSM2602 Datasheet HTML 2Page - Analog Devices SSM2602 Datasheet HTML 3Page - Analog Devices SSM2602 Datasheet HTML 4Page - Analog Devices SSM2602 Datasheet HTML 5Page - Analog Devices SSM2602 Datasheet HTML 6Page - Analog Devices SSM2602 Datasheet HTML 7Page - Analog Devices SSM2602 Datasheet HTML 8Page - Analog Devices SSM2602 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Preliminary Technical Data
SSM2602
Rev. PrB | Page 3 of 28
SPECIFICATIONS
TA = 25°C, AVDD = DVDD = 3.3 V, PVDD = 3.3 V, 1 kHz signal, fS = 48 kHz, PGA gain = 0 dB, 24-bit audio data, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Conditions
OPERATING CONDITIONS
Analog Voltage Supply (AVDD)
1.8
3.3
3.6
V
Digital Power Supply
1.5
3.3
3.6
V
Ground (AGND, PGND, DGND)
0
V
POWER CONSUMPTION
Power-Up
Stereo Record (1.8 V)
7
mW
Stereo Record (3.3 V)
22
mW
Stereo Playback (1.8 V)
7
mW
Stereo Playback (3.3 V)
22
mW
Power-Down
40
μW
LINE INPUT
Input Signal Level (0 dB)
1 × AVDD/3.3
V rms
200
kΩ
PGA gain = 0 dB
10
kΩ
PGA gain = +33 dB
Input Impedance
480
kΩ
PGA gain = −34.5 dB
Input Capacitance
10
pF
85
90
dB
PGA gain = 0 dB, AVDD = 3.3 V
Signal-to-Noise Ratio (A-weighted)
87
dB
PGA gain = 0 dB, AVDD = 1.8 V
−80
dB
−1 dBFS input, AVDD = 3.3 V
Total Harmonic Distortion (THD)
−75
dB
−1 dBFS input, AVDD = 1.8 V
Channel Separation
80
dB
Programmable Gain
−34.5
0
33.5
dB
Gain Step
1.5
dB
Mute Attenuation
−80
dB
MICROPHONE INPUT
Input Signal Level
1
V rms
Signal-to-Noise Ratio (A-weighted)
85
dB
Microphone gain = 0 dB (RSOURCE = 40 kΩ)
Total Harmonic Distortion
−70
dB
0 dBFS input, 0 dB gain
Power Supply Rejection Ratio
50
dB
Mute Attenuation
80
dB
Input Resistance
10
kΩ
Input Capacitance
10
pF
MICROPHONE BIAS
Bias Voltage
0.75 × AVDD
V
Bias Current Source
3
mA
Noise in the Signal Bandwidth
40
nV/√Hz
20 Hz to 20 kHz
LINE OUTPUT
DAC
−1 dBFS input DAC + line output
Full-Scale Output
1 × AVDD/3.3
V rms
100
dB
AVDD = 3.3 V
Signal-to-Noise Ratio (A-Weighted)
98
AVDD = 1.8 V
−80
dB
AVDD = 3.3 V
THD + N
−75
AVDD = 1.8 V
Power Supply Rejection Ratio
50
dB
Channel Separation
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com