Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 23 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 23 Page - Analog Devices

Back Button SSM2602 Datasheet HTML 19Page - Analog Devices SSM2602 Datasheet HTML 20Page - Analog Devices SSM2602 Datasheet HTML 21Page - Analog Devices SSM2602 Datasheet HTML 22Page - Analog Devices SSM2602 Datasheet HTML 23Page - Analog Devices SSM2602 Datasheet HTML 24Page - Analog Devices SSM2602 Datasheet HTML 25Page - Analog Devices SSM2602 Datasheet HTML 26Page - Analog Devices SSM2602 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Preliminary Technical Data
SSM2602
Rev. PrB | Page 23 of 28
DIGITAL AUDIO I/F, ADDRESS 0x07
Table 26. Digital Audio I/F Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
BCLKINV
MS
LRSWAP
LRP
WL [1:0]
FORMAT [1:0]
Table 27. Descriptions of Digital Audio I/F Register Bits
Bit Name
Description
Settings
BCLKINV
BCLK inversion control
0 = BCLK not inverted (default)
1 = BCLK inverted
MS
Master mode enable
0 = enable slave mode (default)
1 = enable master mode
LRSWAP
Swap DAC data control
0 = output left- and right-channel data as normal
(default)
1 = swap left- and right-channel DAC data in audio
interface
LRP
Polarity control for clocks in right justified, left justified, and
I2S modes
0 = normal DACLRC and ADCLRC (default), or DSP
Submode 1
1 = invert DACLRC and ADCLRC polarity, or DSP
Submode 2
WL [1:0]
Data-word length control
00 = 16 bits
01 = 20 bits
10 = 24 bits (default)
11 = 32 bits
FORMAT [1:0]
Digital audio input format control
00 = right justified
01 = left justified
10 = I2S format (default)
11 = DSP mode
SAMPLING RATE, ADDRESS 0x08
Table 28. Sampling Rate Register Bit Map
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
CLKODIV2
CLKDIV2
SR [3:0]
BOSR
USB
Table 29. Descriptions of Sampling Rate Register Bits
Bit Name
Description
Settings
CLKODIV2
CLKOUT divider select
0 = CLKOUT is core clock (default)
1 = CLKOUT is core clock divided by 2
CLKDIV2
Core clock divide select
0 = core clock is MCLK (default)
1= core clock is MCLK divided by 2
SR [3:0]
Clock setting condition
See Table 30 and Table 31.
BOSR
Base oversampling rate
USB mode:
0 = 250 fS (default)
1 = 272 fS
Normal mode:
0 = 256 fS (default)
1 = 384 fS
USB
USB mode select
0 = USB mode disable (default)
1 = USB mode enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com