Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2602 Datasheet HTML 5Page - Analog Devices SSM2602 Datasheet HTML 6Page - Analog Devices SSM2602 Datasheet HTML 7Page - Analog Devices SSM2602 Datasheet HTML 8Page - Analog Devices SSM2602 Datasheet HTML 9Page - Analog Devices SSM2602 Datasheet HTML 10Page - Analog Devices SSM2602 Datasheet HTML 11Page - Analog Devices SSM2602 Datasheet HTML 12Page - Analog Devices SSM2602 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Preliminary Technical Data
SSM2602
Rev. PrB | Page 9 of 28
DIGITAL DE-EMPHASIS CHARACTERISTICS
FREQUENCY (
kHz)
–10
–8
–9
–7
–6
–5
–4
–3
–2
–1
0
216
0
4
6
8
10
12
14
–0.20
–0.10
–0.15
–0.05
0
0.05
0.10
0.20
0.15
0
20
18
2
12
14
16
10
46
8
FREQUENCY (
kHz)
Figure 7. De-Emphasis Frequency Response (32 kHz)
FREQUENCY (
kHz)
14
12
2468
10
–0.20
–0.10
–0.15
–0.05
0
0.05
0.10
0.20
0.15
0
Figure 8. De-Emphasis Error (32 kHz)
24
22
2
4
6
8
10
12
14
16
18
20
FREQUENCY (
kHz)
–10
–8
–9
–7
–6
–5
–4
–3
–2
–1
0
0
Figure 9. De-Emphasis Frequency Response (44.1 kHz)
Figure 10. De-Emphasis Error (44.1 kHz)
22
FREQUENCY (
kHz)
–10
–8
–9
–7
–6
–5
–4
–3
–2
–1
0
2468
10
12
14
16
18
20
0
Figure 11. De-Emphasis Frequency Response (48 kHz)
20
18
2
12
14
16
10
46
8
–0.20
–0.10
–0.15
–0.05
0
0.05
0.10
0.20
0.15
0
FREQUENCY (
kHz)
Figure 12. De-Emphasis Error (48 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com