Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2602 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2602
Description  Low Power Audio Codec
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2602 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2602 Datasheet HTML 3Page - Analog Devices SSM2602 Datasheet HTML 4Page - Analog Devices SSM2602 Datasheet HTML 5Page - Analog Devices SSM2602 Datasheet HTML 6Page - Analog Devices SSM2602 Datasheet HTML 7Page - Analog Devices SSM2602 Datasheet HTML 8Page - Analog Devices SSM2602 Datasheet HTML 9Page - Analog Devices SSM2602 Datasheet HTML 10Page - Analog Devices SSM2602 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Preliminary Technical Data
SSM2602
Rev. PrB | Page 7 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
MCLK/XTI
2
XTO
3
DCVDD
4
DGND
5
DBVDD
6
INT/CLKOUT
7
BCLK
17 ROUT
18 AVDD
19 AGND
20 VMID
21 MICBIAS
16 LOUT
15 PGND
TOP VIEW
(Not to Scale)
SSM2602
Figure 2. Pin Configuration of SSM2602
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
MCLK/XTI
Digital Input
Master Clock Input/Crystal Input
2
XTO
Digital Output
Crystal Output
3
DCVDD
Digital Supply
Digital Core Supply
4
DGND
Digital Ground
Digital Ground
5
DBVDD
Digital Supply
Digital I/O Supply
6
CLKOUT
Digital Output
Buffered Clock Output
7
BCLK
Digital Input/Output
Digital Audio Bit Clock. This pin is pulled down when the ACTIVE register is set to 0.
8
DACDAT
Digital Input
DAC Digital Audio Data Input
9
DACLRC
Digital Input/Output
DAC Sample Rate Clock (from Left and Right Channels). This pin is pulled down
when the ACTIVE register is set to 0.
10
ADCDAT
Digital Output
ADC Digital Audio Data Output
11
ADCLRC
Digital Input/Output
ADC Sample Rate Clock (from Left and Right Channels). This pin is pulled down
when the ACTIVE register is set to 0.
12
HPVDD
Analog Supply
Headphone Supply
13
LHPOUT
Analog Output
Left-Channel Headphone Output
14
RHPOUT
Analog Output
Right-Channel Headphone Output
15
PGND
Analog Ground
Headphone Ground
16
LOUT
Analog Output
Left-Channel Line Output
17
ROUT
Analog Output
Right-Channel Line Output
18
AVDD
Analog Supply
Analog Supply
19
AGND
Analog Ground
Analog Ground
20
VMID
Analog Output
Middle Voltage Decoupling Capacitor
21
MICBIAS
Analog Output
Microphone Bias
22
MICIN
Analog Input
Microphone Input Signal
23
RLINEIN
Analog Input
Right-Channel Line/Microphone Input
24
LLINEIN
Analog Input
Left-Channel Line/Microphone Input
25
MODE
Digital Input
Control Interface Selection to Select I2C®/SPI
26
CSB
Digital Input
3-Wire MPU Chip Select/2-Wire MPU Interface Address Selection, Active Low. This pin is
pulled up when the ACTIVE register is set to 0.
27
SDIN
Digital Input/Output
3-Wire MPU Data Input/2-Wire MPU Data Input/Output
28
SCLK
Digital Input
3-Wire MPU Clock Input/2-Wire MPU Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com