Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366 Datasheet(PDF) 33 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 33 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 29Page - PMC-Sierra, Inc PM5366 Datasheet HTML 30Page - PMC-Sierra, Inc PM5366 Datasheet HTML 31Page - PMC-Sierra, Inc PM5366 Datasheet HTML 32Page - PMC-Sierra, Inc PM5366 Datasheet HTML 33Page - PMC-Sierra, Inc PM5366 Datasheet HTML 34Page - PMC-Sierra, Inc PM5366 Datasheet HTML 35Page - PMC-Sierra, Inc PM5366 Datasheet HTML 36Page - PMC-Sierra, Inc PM5366 Datasheet HTML 37Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
21
5
BLOCK DIAGRAM
5.1 Top Level Block Diagram
Figure 4 shows the complete TEMAP-84. T1 links can be multiplexed into the
DS3s or can be mapped into the telecom bus as SONET VT1.5 virtual tributaries
or as SDH TU-11 or TU-12 tributary units. E1 links can be mapped into the
telecom bus as SONET VT2 virtual tributaries or as SDH TU-12 tributary units.
System side access to the T1s and E1s is available through the SBI bus. DS3
line side access is via the clock and data interface for line interface units (LIUs)
or DS3 mapped into the SONET/SDH telecom bus. Unchannelized DS3 system
side access is available through the SBI bus.
Figure 4
- TEMAP-84 Block Diagram
T1/E1
JAT84
TTMP
(bit)
RTDM
(bit)
M13
M13
M13
M13
M13
M13
M13
M13
DS3/E3
FRMR
M13
M13
DS3/E3
TRAN
TRAP
M13
M13
VTPP
M13
M13
VTPP
M13
M13
SIPO
M13
M13
PISO
M13
M13
D3MA
M13
M13
D3MD
Telecom Bus
Telecom Bus
LIUs
LIUs
SBI 155
TTOP
M13
M13
RTOP/
RTTB
T1/E1
JAT84
EXSBI
INSBI
INSBI
(byte)
EXSBI
(byte)
Egress
Flexible
B/W Port
Ingress
Flexible
B/W Port
DS3/E3 Tx System I/F
DS3/E3 Rx System I/F
Transm ux
datapath
T1/E1
FRMR84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com