Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 41Page - PMC-Sierra, Inc PM5366 Datasheet HTML 42Page - PMC-Sierra, Inc PM5366 Datasheet HTML 43Page - PMC-Sierra, Inc PM5366 Datasheet HTML 44Page - PMC-Sierra, Inc PM5366 Datasheet HTML 45Page - PMC-Sierra, Inc PM5366 Datasheet HTML 46Page - PMC-Sierra, Inc PM5366 Datasheet HTML 47Page - PMC-Sierra, Inc PM5366 Datasheet HTML 48Page - PMC-Sierra, Inc PM5366 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
33
Pin Name
Type
Pin
No.
Function
TDATI[3]
TDATI[2]
TDATI[1]
Input
G2
J3
L2
Framer Transmit Data (TDATI[3:1]). TDATI[3:1]
contain the serial data to be transmitted when the
TEMAP-84 is configured as DS3 framers by setting the
OPMODE_SPEx[2:0] bits in the SPE Configuration
registers. TDATI[3:1] are sampled on the rising edge
of the associated TICLK if the TXGAPEN bit in the
DS3 and E3 Master Unchannelized Interface Options
register is logic 0. If TXGAPEN is logic 1, then
TDATI[3:1] are sampled on the rising edge of
TGAPCLK. TDATI[3:1] can be configured to be
sampled on the falling edge of the associated TICLK or
TGAPCLK by setting the TDATIFALL bit in the DS3
and E3 Master Unchannelized Interface Options
register.
TFPI/TMFPI[3]
TFPI/TMFPI[2]
TFPI/TMFPI[1]
Input
G1
J1
M1
Framer Transmit Frame Pulse/Multiframe Pulse
(TFPI/TMFPI[3:1]). TFPI/TMFPI[3:1] are valid when
the TEMAP-84 is configured as DS3 or E3 framers by
setting the OPMODE_SPEx[2:0] bits in the SPE
Configuration registers.
TFPI[3:1] indicate the position of all overhead bits in
each DS3 M-subframe or the first bit in each G.751 E3
or G.832 E3 frame. TFPI[3:1] are not required to pulse
at every overhead bit.
TMFPI[3:1] indicate the position of the first bit in each
4760-bit DS3 M-frame or the first bit in each E3 frame.
TMFPI[3:1] are not required to pulse at every
multiframe boundary. This is selected by setting the
TXMFPI bit in the DS3 and E3 Master Unchannelized
Interface Options Registers.
TFPI/TMFPI[3:1] are sampled on the rising edge of the
associated TICLK. TDATI[3:1] can be configured to be
sampled on the falling edge of the associated TICLK
by setting the TDATIFALL bit to 1 in the DS3 and E3
Master Unchannelized Interface Options register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com