Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366 Datasheet(PDF) 20 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 20 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 16Page - PMC-Sierra, Inc PM5366 Datasheet HTML 17Page - PMC-Sierra, Inc PM5366 Datasheet HTML 18Page - PMC-Sierra, Inc PM5366 Datasheet HTML 19Page - PMC-Sierra, Inc PM5366 Datasheet HTML 20Page - PMC-Sierra, Inc PM5366 Datasheet HTML 21Page - PMC-Sierra, Inc PM5366 Datasheet HTML 22Page - PMC-Sierra, Inc PM5366 Datasheet HTML 23Page - PMC-Sierra, Inc PM5366 Datasheet HTML 24Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
8
meets the ANSI T1M1.3 Section 7.1.2.4 requirement that AIS be detected in less
than 100 ms and is intended for non-BOC (Bell Operating Company)
applications.
• Extracts valid X-bits and indicates far end receive failure (FERF). The far end
receive failure status only changes if the two X-bits are the same. The status is
buffered for two M-frames, ensuring a better than 99.99% chance of freezing the
correct status for the duration of the out of frame occurrence.
• Accumulates up to 65,535 line code violation (LCV) events per second, 65,535
P-bit parity error events per second, 1023 F-bit or M-bit (framing bit) events per
second, 65,535 excessive zero (EXZ) events per second, and when enabled for
C-bit parity mode operation, up to 16,383 C-bit parity error events per second,
and 16,383 far end block error (FEBE) events per second (note that, over a one
second interval, only 9399 P-bit errors, C-bit parity errors, or FEBE events can
occur).
• Detects and validates bit-oriented codes in the C-bit parity far end alarm and
control channel.
• Terminates the C-bit parity path maintenance data link with an integral HDLC
receiver having a 128-byte deep FIFO buffer with programmable interrupt
threshold. Supports polled or interrupt-driven operation. Selectable none, one or
two address match detection on first byte of received packet.
• Programmable pseudo-random test-sequence detection–(up to 232 -1 bit length
patterns conforming to ITU-T O.151 standards) and analysis features.
Each one of three DS3 Transmit Sections:
• Provides the overhead bit insertion for a DS3 stream.
• Provides a bit serial clock and data interface, and allows the M-frame boundary
and/or the overhead bit positions to be located via an external interface
• Provides B3ZS encoding.
• Generates an B3ZS encoded 100… repeating pattern to aid in pulse mask
testing.
• Inserts far end receive failure (FERF), the DS3 alarm indication signal (AIS) and
the idle signal when enabled by internal register bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com