Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 37Page - PMC-Sierra, Inc PM5366 Datasheet HTML 38Page - PMC-Sierra, Inc PM5366 Datasheet HTML 39Page - PMC-Sierra, Inc PM5366 Datasheet HTML 40Page - PMC-Sierra, Inc PM5366 Datasheet HTML 41Page - PMC-Sierra, Inc PM5366 Datasheet HTML 42Page - PMC-Sierra, Inc PM5366 Datasheet HTML 43Page - PMC-Sierra, Inc PM5366 Datasheet HTML 44Page - PMC-Sierra, Inc PM5366 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
29
Pin Name
Type
Pin
No.
Function
TPOS/TDAT[3]
TPOS/TDAT[2]
TPOS/TDAT[1]
Output R2
U2
AA1
Transmit Positive Pulse (TPOS[3:1]). TPOS[3:1]
represent the positive pulses transmitted on the B3ZS-
encoded DS3 or HDB3-encoded E3 lines when dual-
rail output format is selected.
Transmit Data Output (TDAT[3:1]). TDAT[3:1]
represent the NRZ (unipolar) DS3 output data streams
when single rail output format is selected.
TPOS[3:1] and TDAT[3:1] are updated on the falling
edge of the associated TCLK by default but may be
enabled to be updated on the rising edge of the
associated TCLK by setting the TRISE bit in the
DS3/E3 Master Transmit Line Options register.
TPOS[3:1] and TDAT[3:1] are updated on TICLK[3:1]
rather than TCLK[3:1] when the TICLK bit in the
DS3/E3 Master Transmit Line Options register is set.
TNEG/TMFP[3]
TNEG/TMFP[2]
TNEG/TMFP[1]
Output U4
W1
AB1
Transmit Negative Pulse (TNEG[3:1]). TNEG[3:1]
represent the negative pulses transmitted on the
B3ZS-encoded DS3 or HDB3-encoded E3 lines when
dual-rail output format is selected.
Transmit Multiframe Pulse (TMFP[3:1]). These
signals mark the transmit frame alignment when
configured for single rail operation. TMFP[3:1] indicate
the position of overhead bits in the transmit
transmission system stream, TDAT[3:1]. TMFP[3:1]
are high during the first bit (X1) of the multiframe or E3
frame.
TNEG[3:1] and TMFP[3:1] are updated on the falling
edge of the associated TCLK by default but may be
enabled to be updated on the rising edge of the
associated TCLK by setting the TRISE bit in the
DS3/E3 Master Transmit Line Options register.
TNEG[3:1] and TMFP[3:1] are updated on TICLK[3:1]
rather than TCLK[3:1] when the TICLK bit in the
DS3/E3 Master Transmit Line Options register is set.
TICLK[3]
TICLK[2]
TICLK[1]
Input
T4
V4
Y2
Transmit input clock (TICLK[3:1]). TICLK[3:1]
provides the transmit direction timing for the three
DS3s or E3s. TICLK[3:1] are nominally 44.736 MHz or
34.368 MHz, 50% duty cycle clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com