Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 57Page - PMC-Sierra, Inc PM5366 Datasheet HTML 58Page - PMC-Sierra, Inc PM5366 Datasheet HTML 59Page - PMC-Sierra, Inc PM5366 Datasheet HTML 60Page - PMC-Sierra, Inc PM5366 Datasheet HTML 61Page - PMC-Sierra, Inc PM5366 Datasheet HTML 62Page - PMC-Sierra, Inc PM5366 Datasheet HTML 63Page - PMC-Sierra, Inc PM5366 Datasheet HTML 64Page - PMC-Sierra, Inc PM5366 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
49
Pin Name
Type
Pin
No.
Function
SAPL
Input
B14 System Add Bus Payload Active (SAPL). The add
bus payload active signal indicates valid data within the
SBI bus structure. This signal must be high during all
octets making up a tributary. This signal goes high
during the V3 or H3 octet of a tributary to indicate
negative timing adjustments between the tributary rate
and the fixed SBI bus structure. This signal goes low
during the octet after the V3 or H3 octet of a tributary
to indicate positive timing adjustments between the
tributary rate and the fixed SBI bus structure.
In the flexible bandwidth configuration, SAPL may only
be asserted in response to a logic high on the
SAJUST_REQ. SAPL shall be high an equal or less
number of cycles than SAJUST_REQ. (Some
applications require an exact one-to-one
correspondence.)
The TEMAP-84 only monitors the add bus payload
active signal during the tributary timeslots assigned to
this device.
SAPL is sampled on the rising edge of SREFCLK.
SAV5
Input
C14 System Add Bus Payload Indicator (SAV5). The add
bus payload indicator locates the position of the
floating payloads for each tributary within the SBI bus
structure. Timing differences between the tributary
timing and the synchronous SBI bus are indicated by
adjustments of this payload indicator relative to the
fixed SBI bus structure.
All timing adjustments indicated by this signal must be
accompanied by appropriate adjustments in the SAPL
signal.
The TEMAP-84 only monitors the add bus payload
indicator signal during the tributary timeslots assigned
to this device.
SAV5 is sampled on the rising edge of SREFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com