Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366 Datasheet(PDF) 72 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 72 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 68Page - PMC-Sierra, Inc PM5366 Datasheet HTML 69Page - PMC-Sierra, Inc PM5366 Datasheet HTML 70Page - PMC-Sierra, Inc PM5366 Datasheet HTML 71Page - PMC-Sierra, Inc PM5366 Datasheet HTML 72Page - PMC-Sierra, Inc PM5366 Datasheet HTML 73Page - PMC-Sierra, Inc PM5366 Datasheet HTML 74Page - PMC-Sierra, Inc PM5366 Datasheet HTML 75Page - PMC-Sierra, Inc PM5366 Datasheet HTML 76Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
60
Notes on Pin Descriptions:
1. All TEMAP-84 inputs and bi-directionals present minimum capacitive loading
and operate at TTL logic levels.
2. All TEMAP-84 outputs and bi-directionals have at least 2 mA drive capability.
The bidirectional data bus outputs, D[7:0], have 4 mA drive capability. The
outputs TCLK[3:1], TPOS/TDAT[3:1], TNEG/TMFP[3:1],
RGAPCLK/RSCLK[3:1], RDATO[3:1], RFPO/RMFPO[3:1], ROVRHD[3:1],
TFPO/TMFPO/TGAPCLK[3:1], SBIACT, LAOE/LATPL, RECVCLK1,
RECVCLK2 and INTB have 4 mA drive capability. The SBI outputs and
telecom bus outputs, SDDATA[7:0], SDDP, SDPL, SDV5, SAJUST_REQ,
SAC1FP, LAV5, LAC1J1V1, LADATA[7:0], LADP and LAPL, have 8mA drive
capability. The bidirectional SBI signal SDC1FP has 8mA drive capability.
3. Inputs CSB, RSTB, ALE, TMS, TDI and TRSTB have internal pull-up
resistors.
4. Input A[12] has an internal pull-down resistor.
5. All unused inputs should be connected to GROUND.
6. Power to the VDD3.3 pins should be applied before power to the VDD1.8
pins is applied. Similarly, power to the VDD1.8 pins should be removed
before power to the VDD3.3 pins is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com