Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366 Datasheet(PDF) 16 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 16 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 12Page - PMC-Sierra, Inc PM5366 Datasheet HTML 13Page - PMC-Sierra, Inc PM5366 Datasheet HTML 14Page - PMC-Sierra, Inc PM5366 Datasheet HTML 15Page - PMC-Sierra, Inc PM5366 Datasheet HTML 16Page - PMC-Sierra, Inc PM5366 Datasheet HTML 17Page - PMC-Sierra, Inc PM5366 Datasheet HTML 18Page - PMC-Sierra, Inc PM5366 Datasheet HTML 19Page - PMC-Sierra, Inc PM5366 Datasheet HTML 20Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
4
• Provides performance monitoring counters sufficiently large as to allow
performance monitor counter polling at a minimum rate of once per second.
Optionally, updates the performance monitoring counters and interrupts the
microprocessor once per second.
• An unframed pseudo-random sequence user selectable from 2
7 –1, 211 –1, 215 –
1 or 2
20 –1, may be detected in the T1 stream in either the ingress or egress
directions. The detector counts pattern errors using a 16-bit non-saturating PRBS
error counter.
• Line side interface is either from the DS3 interface via the M13 multiplex or from
the SONET/SDH Drop bus via the VT1.5, TU-11, VT2 or TU-12 demapper.
• Frames in the presence of and detects the “Japanese Yellow” alarm.
Each one of 63 E1 performance monitor sections:
• Provides non-intrusive performance monitoring of either ingress or egress paths,
as selected on a per-tributary basis.
• Frames to ITU-T G.704 basic and CRC-4 multiframe formatted E1 signals. The
framing procedures are consistent ITU-T G.706 specifications.
• Non-intrusive performance monitoring provided by the TEMAP-84 also
provides an HDLC interface with 128 bytes of buffering for terminating the
facility data link in either the ingress or egress paths, as selected on a per-
tributary basis.
• Provides performance monitoring counters sufficiently large as to allow
performance monitor counter polling at a minimum rate of once per second.
Optionally, updates the performance monitoring counters and interrupts the
microprocessor once per second.
• An unframed pseudo-random sequence user selectable from 2
7 –1, 211 –1, 215 –
1 or 2
20 –1, may be detected in the E1 stream in either the ingress or egress
directions. The detector counts pattern errors using a 16-bit non-saturating PRBS
error counter.
Each one of 84 transmit tributaries:
• May be timed to its associated receive clock (loop timing) or may derive its timing
from a common egress clock or a common transmit clock; the transmit line clock
may be synthesized from an N*8 kHz reference.
• Provides a digital phase locked loop for generation of a low jitter transmit clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com