Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366 Datasheet(PDF) 92 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 92 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 88Page - PMC-Sierra, Inc PM5366 Datasheet HTML 89Page - PMC-Sierra, Inc PM5366 Datasheet HTML 90Page - PMC-Sierra, Inc PM5366 Datasheet HTML 91Page - PMC-Sierra, Inc PM5366 Datasheet HTML 92Page - PMC-Sierra, Inc PM5366 Datasheet HTML 93Page - PMC-Sierra, Inc PM5366 Datasheet HTML 94Page - PMC-Sierra, Inc PM5366 Datasheet HTML 95Page - PMC-Sierra, Inc PM5366 Datasheet HTML 96Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
80
While the DS3-FRMR is synchronized to the DS3 M-frame, the F-bit and M-bit
positions in the DS3 stream are examined. An out-of-frame defect is detected
when 3 F-bit errors out of 8 or 16 consecutive F-bits are observed (as selected
by the M3O8 bit in the DS3 FRMR Configuration Register), or when one or more
M-bit errors are detected in 3 out of 4 consecutive M-frames. The M-bit error
criteria for OOF can be disabled by the MBDIS bit in the DS3 Framer
Configuration register. The 3 out of 8 consecutive F-bits out-of-frame ratio
provides more robust operation, in the presence of a high bit error rate, than the
3 out of 16 consecutive F-bits ratio. Either out-of-frame criteria allows an out-of-
frame defect to be detected quickly when the M-subframe alignment patterns or,
optionally, when the M-frame alignment pattern is lost.
Also while in-frame, line code violations, M-bit or F-bit framing bit errors, and P-
bit parity errors are indicated. When C-bit parity mode is enabled, both C-bit
parity errors and far end block errors are indicated. These error indications, as
well as the line code violation and excessive zeros indication, are accumulated
over 1 second intervals with the Performance Monitor (DS3-PMON). Note that
the framer is an off-line framer, indicating both OOF and COFA events. Even if
an OOF is indicated, the framer will continue indicating performance monitoring
information based on the previous frame alignment.
Three DS3 maintenance signals (a RED alarm condition, the alarm indication
signal, and the idle signal) are detected by the DS3-FRMR. The maintenance
detection algorithm employs a simple integrator with a 1:1 slope that is based on
the occurrence of "valid" M-frame intervals. For the RED alarm, an M-frame is
said to be a "valid" interval if it contains a RED defect, defined as an occurrence
of an OOF or LOS event during that M-frame. For AIS and IDLE, an M-frame
interval is "valid" if it contains AIS or IDLE, defined as the occurrence of less than
15 discrepancies in the expected signal pattern (1010... for AIS, 1100... for IDLE)
while valid frame alignment is maintained. This discrepancy threshold ensures
the detection algorithms operate in the presence of a 10-3 bit error rate. For AIS,
the expected pattern may be selected to be: the framed "1010" signal; the
framed arbitrary DS3 signal and the C-bits all zero; the framed "1010" signal and
the C-bits all zero; the framed all-ones signal (with overhead bits ignored); or the
unframed all-ones signal (with overhead bits equal to ones). Each "valid" M-
frame causes an associated integration counter to increment; "invalid" M-frames
cause a decrement. With the "slow" detection option, RED, AIS, or IDLE are
declared when the respective counter saturates at 127, which results in a
detection time of 13.5 ms. With the "fast" detection option, RED, AIS, or IDLE
are declared when the respective counter saturates at 21, which results in a
detection time of 2.23 ms (i.e., 1.5 times the maximum average reframe time).
RED, AIS, or IDLE are removed when the respective counter decrements to 0.
DS3 Loss of Frame detection is provided as recommended by ITU-T G.783 with
programmable integration periods of 1ms, 2ms, or 3ms. While integrating up to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com