Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366 Datasheet(PDF) 62 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 62 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 58Page - PMC-Sierra, Inc PM5366 Datasheet HTML 59Page - PMC-Sierra, Inc PM5366 Datasheet HTML 60Page - PMC-Sierra, Inc PM5366 Datasheet HTML 61Page - PMC-Sierra, Inc PM5366 Datasheet HTML 62Page - PMC-Sierra, Inc PM5366 Datasheet HTML 63Page - PMC-Sierra, Inc PM5366 Datasheet HTML 64Page - PMC-Sierra, Inc PM5366 Datasheet HTML 65Page - PMC-Sierra, Inc PM5366 Datasheet HTML 66Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
50
Pin Name
Type
Pin
No.
Function
SAJUST_REQ
Output
Tristate
A2
System Add Bus Justification Request
(SAJUST_REQ). The justification request signals the
Link Layer device to speed up, slow down or maintain
the rate which it is sending data to the TEMAP-84. This
is only used when the TEMAP-84 is the timing master
for the tributary transmit direction.
This active high signal indicates negative timing
adjustments when asserted high during the V3 or H3
octet of the tributary. In response to this the Link Layer
device sends an extra byte in the V3 or H3 octet of the
next SBI bus multi-frame.
Positive timing adjustments are requested by asserting
justification request high during the octet following the
V3 or H3 octet. The Link Layer device responds to this
request by not sending an octet during the V3 or H3
octet of the next multi-frame.
SAJUST_REQ has a different significance in the
flexible bandwidth mode. In this mode, SAJUST_REQ
is high for one SREFCLK cycle for each byte that can
be accepted. A valid byte on SADATA[7:0] with an
accompanying SAPL assertion is expected in
response.
The TEMAP-84 only drives the justification request
signal during the tributary timeslots assigned to this
device. When operating in 19.44 MHz mode (i.e. S77
low), SAJUST_REQ is aligned by the SAC1FP input.
When operating in 77.76 MHz mode (i.e. S77 high),
SAJUST_REQ’s alignment is relative to the SDC1FP
signal.
SAJUST_REQ is updated on the rising edge of
SREFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com