Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM5366 Datasheet(PDF) 63 Page - PMC-Sierra, Inc

Part # PM5366
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366 Datasheet(HTML) 63 Page - PMC-Sierra, Inc

Back Button PM5366 Datasheet HTML 59Page - PMC-Sierra, Inc PM5366 Datasheet HTML 60Page - PMC-Sierra, Inc PM5366 Datasheet HTML 61Page - PMC-Sierra, Inc PM5366 Datasheet HTML 62Page - PMC-Sierra, Inc PM5366 Datasheet HTML 63Page - PMC-Sierra, Inc PM5366 Datasheet HTML 64Page - PMC-Sierra, Inc PM5366 Datasheet HTML 65Page - PMC-Sierra, Inc PM5366 Datasheet HTML 66Page - PMC-Sierra, Inc PM5366 Datasheet HTML 67Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
51
Pin Name
Type
Pin
No.
Function
SDDATA[0]
SDDATA[1]
SDDATA[2]
SDDATA[3]
SDDATA[4]
SDDATA[5]
SDDATA[6]
SDDATA[7]
Output
Tristate
C5
A4
B5
C6
A5
B6
C7
D6
System Drop Bus Data (SDDATA[7:0]). The System
drop data bus is a time division multiplexed bus which
carries the E1, T1 and DS3 tributary data is byte serial
format over the SBI bus structure. This device only
drives the data bus during the timeslots assigned to
this device.
SDDATA[7:0] is updated on the rising edge of
SREFCLK.
SDDP
Output
Tristate
A6
System Drop Bus Data Parity (SDDP). The system
drop bus signal carries the even or odd parity for the
drop bus signals SDDATA[7:0], SDPL and SDV5.
Whenever the TEMAP-84 drives the data bus, the
parity is valid.
SDDP is updated on the rising edge of SREFCLK.
SDPL
Output
Tristate
A7
System Drop Bus Payload Active (SDPL). The
payload active signal indicates valid data within the SBI
bus structure. This signal is asserted during all octets
making up a tributary. This signal goes high during the
V3 or H3 octet of a tributary to accommodate negative
timing adjustments between the tributary rate and the
fixed SBI bus structure. This signal goes low during the
octet after the V3 or H3 octet of a tributary to
accommodate positive timing adjustments between the
tributary rate and the fixed SBI bus structure.
In the flexible bandwidth configuration, SDPL is
asserted for each byte as it becomes available.
Therefore, SDPL may be high or low arbitrarily during
any SREFCLK cycle.
The TEMAP-84 only drives the payload active signal
during the tributary timeslots assigned to this device.
SDPL is updated on the rising edge of SREFCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com