Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM21 Datasheet(PDF) 53 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 53 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 49Page - Texas Instruments TDA4VM21 Datasheet HTML 50Page - Texas Instruments TDA4VM21 Datasheet HTML 51Page - Texas Instruments TDA4VM21 Datasheet HTML 52Page - Texas Instruments TDA4VM21 Datasheet HTML 53Page - Texas Instruments TDA4VM21 Datasheet HTML 54Page - Texas Instruments TDA4VM21 Datasheet HTML 55Page - Texas Instruments TDA4VM21 Datasheet HTML 56Page - Texas Instruments TDA4VM21 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
AJ22
prg1_pru1_gpo18
PRG1_PRU1_GPO18
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
0
0/1
PRG1_PRU1_GPI18
1
I
0
PRG1_IEP1_EDC_LATCH_IN0
2
I
0
PRG1_PWM1_TZ_IN
3
I
0
SPI6_D0
4
IO
0
RMII6_TXD0
5
O
PRG1_ECAP0_SYNC_IN
6
I
0
GPIO0_39
7
IO
0
VOUT0_VP2_VSYNC
9
O
VOUT0_VSYNC
10
O
MCASP5_AXR0
12
IO
VOUT0_VP0_VSYNC
14
O
AH22
prg1_pru1_gpo19
PRG1_PRU1_GPO19
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
0
0/1
PRG1_PRU1_GPI19
1
I
0
PRG1_IEP1_EDC_SYNC_OUT0
2
O
PRG1_PWM1_TZ_OUT
3
O
SPI6_D1
4
IO
0
RMII6_TXD1
5
O
PRG1_ECAP0_IN_APWM_OUT
6
IO
0
GPIO0_40
7
IO
0
VOUT0_PCLK
10
O
MCASP5_AXR1
12
IO
T6
resetstatz
RESETSTATz
0
O
OFF
0
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0/0
C28
RESET_REQZ
RESET_REQz
0
I
PU
0
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
1/1
U25
rgmii5_rxc
RGMII5_RXC
0
I
OFF
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
0
0/1
I2C6_SDA
2
IOD
1
VOUT1_DATA7
4
O
TRC_DATA5
5
O
EHRPWM_TZn_IN1
6
I
0
GPIO0_92
7
IO
0
GPMC0_A8
8
OZ
0
MCASP10_AXR3
12
IO
EHRPWM_SOCA
14
O
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com