Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM21 Datasheet(PDF) 19 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 15Page - Texas Instruments TDA4VM21 Datasheet HTML 16Page - Texas Instruments TDA4VM21 Datasheet HTML 17Page - Texas Instruments TDA4VM21 Datasheet HTML 18Page - Texas Instruments TDA4VM21 Datasheet HTML 19Page - Texas Instruments TDA4VM21 Datasheet HTML 20Page - Texas Instruments TDA4VM21 Datasheet HTML 21Page - Texas Instruments TDA4VM21 Datasheet HTML 22Page - Texas Instruments TDA4VM21 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
V4
mcan1_tx
MCAN1_TX
0
O
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0/1
UART6_RTSn
1
O
UART9_TXD
2
O
USB0_DRVVBUS
3
O
USB1_DRVVBUS
4
O
GPIO1_4
7
IO
0
K25
mcu_adc0_ain0
MCU_ADC0_AIN0
0
A
OFF
0
1.8 V
VDDA_ADC0
ADC12B
WKUP_GPIO0_68
-1
I
K26
mcu_adc0_ain1
MCU_ADC0_AIN1
0
A
OFF
0
1.8 V
VDDA_ADC0
ADC12B
WKUP_GPIO0_69
-1
I
K28
mcu_adc0_ain2
MCU_ADC0_AIN2
0
A
OFF
0
1.8 V
VDDA_ADC0
ADC12B
WKUP_GPIO0_70
-1
I
L28
mcu_adc0_ain3
MCU_ADC0_AIN3
0
A
OFF
0
1.8 V
VDDA_ADC0
ADC12B
WKUP_GPIO0_71
-1
I
K24
mcu_adc0_ain4
MCU_ADC0_AIN4
0
A
OFF
0
1.8 V
VDDA_ADC0
ADC12B
WKUP_GPIO0_72
-1
I
K27
mcu_adc0_ain5
MCU_ADC0_AIN5
0
A
OFF
0
1.8 V
VDDA_ADC0
ADC12B
WKUP_GPIO0_73
-1
I
K29
mcu_adc0_ain6
MCU_ADC0_AIN6
0
A
OFF
0
1.8 V
VDDA_ADC0
ADC12B
WKUP_GPIO0_74
-1
I
L29
mcu_adc0_ain7
MCU_ADC0_AIN7
0
A
OFF
0
1.8 V
VDDA_ADC0
ADC12B
WKUP_GPIO0_75
-1
I
N23
mcu_adc1_ain0
MCU_ADC1_AIN0
0
A
OFF
0
1.8 V
VDDA_ADC1
ADC12B
WKUP_GPIO0_76
-1
I
M25
mcu_adc1_ain1
MCU_ADC1_AIN1
0
A
OFF
0
1.8 V
VDDA_ADC1
ADC12B
WKUP_GPIO0_77
-1
I
L24
mcu_adc1_ain2
MCU_ADC1_AIN2
0
A
OFF
0
1.8 V
VDDA_ADC1
ADC12B
WKUP_GPIO0_78
-1
I
L26
mcu_adc1_ain3
MCU_ADC1_AIN3
0
A
OFF
0
1.8 V
VDDA_ADC1
ADC12B
WKUP_GPIO0_79
-1
I
N24
mcu_adc1_ain4
MCU_ADC1_AIN4
0
A
OFF
0
1.8 V
VDDA_ADC1
ADC12B
WKUP_GPIO0_80
-1
I
M24
mcu_adc1_ain5
MCU_ADC1_AIN5
0
A
OFF
0
1.8 V
VDDA_ADC1
ADC12B
WKUP_GPIO0_81
-1
I
L25
mcu_adc1_ain6
MCU_ADC1_AIN6
0
A
OFF
0
1.8 V
VDDA_ADC1
ADC12B
WKUP_GPIO0_82
-1
I
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com