Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM21 Datasheet(PDF) 25 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 21Page - Texas Instruments TDA4VM21 Datasheet HTML 22Page - Texas Instruments TDA4VM21 Datasheet HTML 23Page - Texas Instruments TDA4VM21 Datasheet HTML 24Page - Texas Instruments TDA4VM21 Datasheet HTML 25Page - Texas Instruments TDA4VM21 Datasheet HTML 26Page - Texas Instruments TDA4VM21 Datasheet HTML 27Page - Texas Instruments TDA4VM21 Datasheet HTML 28Page - Texas Instruments TDA4VM21 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
AE4
mmc0_ds
MMC0_DS
IO
PD
1.8 V
VDDS_MMC0
eMMCPHY
PU/PD
1
P25
mmc1_clk
MMC1_CLK
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
0
0/1
UART8_RXD
1
I
1
I2C4_SCL
4
IOD
1
GPIO1_19
7
IO
0
R29
mmc1_cmd
MMC1_CMD
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
1
0/1
UART8_TXD
1
O
I2C4_SDA
4
IOD
1
GPIO1_20
7
IO
0
P23
mmc1_sdcd
MMC1_SDCD
0
I
OFF
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
1
0/1
UART8_CTSn
1
I
1
UART0_DCDn
2
I
1
TIMER_IO2
3
IO
0
EQEP2_I
5
IO
0
PCIE2_CLKREQn
6
IO
0
GPIO1_21
7
IO
0
PRG0_IEP0_EDC_LATCH_IN1
8
I
0
R28
mmc1_sdwp
MMC1_SDWP
0
I
OFF
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
1
0/1
UART8_RTSn
1
O
UART0_DSRn
2
I
1
TIMER_IO3
3
IO
0
ECAP2_IN_APWM_OUT
4
IO
0
EQEP2_S
5
IO
0
PCIE3_CLKREQn
6
IO
0
GPIO1_22
7
IO
0
PRG0_IEP0_EDC_SYNC_OUT1
8
O
0
T26
mmc2_clk
MMC2_CLK
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
0
0/1
USB0_DRVVBUS
1
O
USB1_DRVVBUS
2
O
TIMER_IO6
3
IO
0
I2C3_SCL
4
IOD
1
UART3_RXD
5
I
1
GPIO1_27
7
IO
0
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com