Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM21 Datasheet(PDF) 63 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 59Page - Texas Instruments TDA4VM21 Datasheet HTML 60Page - Texas Instruments TDA4VM21 Datasheet HTML 61Page - Texas Instruments TDA4VM21 Datasheet HTML 62Page - Texas Instruments TDA4VM21 Datasheet HTML 63Page - Texas Instruments TDA4VM21 Datasheet HTML 64Page - Texas Instruments TDA4VM21 Datasheet HTML 65Page - Texas Instruments TDA4VM21 Datasheet HTML 66Page - Texas Instruments TDA4VM21 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
AG12
SERDES2_TX0_P
SERDES2_TX0_P
O
OFF
0.8 V
VDDA_0P8_SE
RDES2_3 / VD
DA_1P8_SERD
ES2_3
2-L-PHY
PCIE2_TXP0
USB1_SSTX2P
PRG1_SGMII0_TXP0
AF12
SERDES2_TX1_N
SERDES2_TX1_N
O
OFF
0.8 V
VDDA_0P8_SE
RDES2_3 / VD
DA_1P8_SERD
ES2_3
2-L-PHY
PCIE2_TXN1
USB1_SSTX1N
PRG1_SGMII1_TXN0
AG11
SERDES2_TX1_P
SERDES2_TX1_P
O
OFF
0.8 V
VDDA_0P8_SE
RDES2_3 / VD
DA_1P8_SERD
ES2_3
2-L-PHY
PCIE2_TXP1
USB1_SSTX1P
PRG1_SGMII1_TXP0
AH9
SERDES3_RX0_N
SERDES3_RX0_N
I
OFF
0.8 V
VDDA_0P8_SE
RDES2_3 / VD
DA_1P8_SERD
ES2_3
2-L-PHY
PCIE3_RXN0
USB0_SSRX2N
AJ8
SERDES3_RX0_P
SERDES3_RX0_P
I
OFF
0.8 V
VDDA_0P8_SE
RDES2_3 / VD
DA_1P8_SERD
ES2_3
2-L-PHY
PCIE3_RXP0
USB0_SSRX2P
AH10
SERDES3_RX1_N
SERDES3_RX1_N
I
OFF
0.8 V
VDDA_0P8_SE
RDES2_3 / VD
DA_1P8_SERD
ES2_3
2-L-PHY
PCIE3_RXN1
USB0_SSRX1N
AJ9
SERDES3_RX1_P
SERDES3_RX1_P
I
OFF
0.8 V
VDDA_0P8_SE
RDES2_3 / VD
DA_1P8_SERD
ES2_3
2-L-PHY
PCIE3_RXP1
USB0_SSRX1P
AF9
SERDES3_TX0_N
SERDES3_TX0_N
O
OFF
0.8 V
VDDA_0P8_SE
RDES2_3 / VD
DA_1P8_SERD
ES2_3
2-L-PHY
PCIE3_TXN0
USB0_SSTX2N
AG8
SERDES3_TX0_P
SERDES3_TX0_P
O
OFF
0.8 V
VDDA_0P8_SE
RDES2_3 / VD
DA_1P8_SERD
ES2_3
2-L-PHY
PCIE3_TXP0
USB0_SSTX2P
AF10
SERDES3_TX1_N
SERDES3_TX1_N
O
OFF
0.8 V
VDDA_0P8_SE
RDES2_3 / VD
DA_1P8_SERD
ES2_3
2-L-PHY
PCIE3_TXN1
USB0_SSTX1N
AG9
SERDES3_TX1_P
SERDES3_TX1_P
O
OFF
0.8 V
VDDA_0P8_SE
RDES2_3 / VD
DA_1P8_SERD
ES2_3
2-L-PHY
PCIE3_TXP1
USB0_SSTX1P
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com