Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM21 Datasheet(PDF) 8 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 4Page - Texas Instruments TDA4VM21 Datasheet HTML 5Page - Texas Instruments TDA4VM21 Datasheet HTML 6Page - Texas Instruments TDA4VM21 Datasheet HTML 7Page - Texas Instruments TDA4VM21 Datasheet HTML 8Page - Texas Instruments TDA4VM21 Datasheet HTML 9Page - Texas Instruments TDA4VM21 Datasheet HTML 10Page - Texas Instruments TDA4VM21 Datasheet HTML 11Page - Texas Instruments TDA4VM21 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 331 page
background image
Table 4-1. Device Comparison (continued)
FEATURES(7)
REFERENCE
NAME
TDA4VM88
TDA4VM67
TDA4VM21
Capture Subsystem with Camera Serial Interface
(CSI2)
CSI2.0 4L RX
2
2
2
CSI2.0 4L TX
1
1
1
Multichannel Serial Peripheral Interface
MCSPI
11
11
11
Multichannel Audio Serial Port
MCASP0
16 Serializers
16 Serializers
16 Serializers
MCASP1
12 Serializers
12 Serializers
12 Serializers
MCASP2
6 Serializers
6 Serializers
6 Serializers
MCASP3
4 Serializers
4 Serializers
4 Serializers
MCASP4
4 Serializers
4 Serializers
4 Serializers
MCASP5
4 Serializers
4 Serializers
4 Serializers
MCASP6
4 Serializers
4 Serializers
4 Serializers
MCASP7
4 Serializers
4 Serializers
4 Serializers
MCASP8
4 Serializers
4 Serializers
4 Serializers
MCASP9
4 Serializers
4 Serializers
4 Serializers
MCASP10
8 Serializers
8 Serializers
8 Serializers
MCASP11
8 Serializers
8 Serializers
8 Serializers
MultiMedia Card/ Secure Digital Interface
MMCSD0
eMMC (8-bits)
eMMC (8-bits)
eMMC (8-bits)
MMCSD1
SD/SDIO (4-bits)
SD/SDIO (4-bits)
SD/SDIO (4-bits)
MMCSD2
SD/SDIO (4-bits)
SD/SDIO (4-bits)
SD/SDIO (4-bits)
Universal Flash Storage
UFS 2L
Yes (2 Lanes)
Yes (2 Lanes)
Yes (2 Lanes)
Flash Subsystem (FSS)
OSPI0
8-bits(6)
8-bits(6)
8-bits(6)
OSPI1
(8)
4-bits
4-bits
4-bits
HyperBus
Yes(6)
Yes(6)
Yes(6)
4x PCI Express Port with Integrated PHY
PCIE0
Up to Two Lanes(4)
Up to Two Lanes(4)
Up to Two Lanes(4)
PCIE1
Up to Two Lanes(4)
Up to Two Lanes(4)
Up to Two Lanes(4)
PCIE2
Up to Two Lanes(4)
Up to Two Lanes(4)
Up to Two Lanes(4)
PCIE3
Up to Two Lanes(4)
Up to Two Lanes(4)
Up to Two Lanes(4)
2x Programmable Real-Time Unit Subsystem
and TSN Communication Subsystem (Ethernet
Subsystem)
PRU_ICSSG0
No
No
No
PRU_ICSSG1
No
No
No
Gigabit Ethernet Interface
CPSW2G
RMII or RGMII
RMII or RGMII
RMII or RGMII
CPSW9G
8 × RMII
8 × RGMII
8 × SGMII(4)
4 × RMII
4 × RGMII
4 × SGMII(4) (5)
2 × RMII
2 × RGMII
2 × SGMII(4) (5)
General-Purpose Timers
TIMER
30
30
30
Enhanced High Resolution Pulse-Width Modulator
Module
eHRPWM
6
6
6
Enhanced Capture Module
eCAP
3
3
3
Enhanced Quadrature Encoder Pulse Module
eQEP
3
3
3
Universal Asynchronous Receiver and Transmitter
UART
12
12
12
Universal Serial Bus (USB3.1) SuperSpeed Dual-
Role-Device (DRD) Ports with SS PHY
USB0
Yes(4)
Yes(4)
Yes(4)
USB1
Yes(4)
Yes(4)
Yes(4)
(1)
Safety features including R5F Lockstep and SIL/ASIL ratings are only applicable to select part number variants as indicated by the
Device Type (Y) identifier in the Table 9-1, Nomenclature Description table.
(2)
Device security features including Secure Boot and Customer Programmable Keys are applicable to select part number variants as
indicated by the Device Type (Y) identifier in the Table 9-1, Nomenclature Description table..
(3)
AEC-Q100 qualification is applicable to select part number variants as indicated by the Automotive Designator (Q1) identifier in the
Table 9-1, Nomenclature Description table.
(4)
DP, SGMII, USB3.0, and PCIE[3:0] share total of twelve SerDes lanes.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com