Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM21 Datasheet(PDF) 17 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 13Page - Texas Instruments TDA4VM21 Datasheet HTML 14Page - Texas Instruments TDA4VM21 Datasheet HTML 15Page - Texas Instruments TDA4VM21 Datasheet HTML 16Page - Texas Instruments TDA4VM21 Datasheet HTML 17Page - Texas Instruments TDA4VM21 Datasheet HTML 18Page - Texas Instruments TDA4VM21 Datasheet HTML 19Page - Texas Instruments TDA4VM21 Datasheet HTML 20Page - Texas Instruments TDA4VM21 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
B14
DSI_TXN3
DSI_TXN3
O
OFF
1.8 V
VDDA_0P8_DS
ITX /
VDDA_1P8_DS
ITX
D-PHY
CSI0_TXN3
O
C12
DSI_TXP0
DSI_TXP0
IO
OFF
1.8 V
VDDA_0P8_DS
ITX /
VDDA_1P8_DS
ITX
D-PHY
CSI0_TXP0
O
C13
DSI_TXP1
DSI_TXP1
O
OFF
1.8 V
VDDA_0P8_DS
ITX /
VDDA_1P8_DS
ITX
D-PHY
CSI0_TXP1
O
A14
DSI_TXP2
DSI_TXP2
O
OFF
1.8 V
VDDA_0P8_DS
ITX /
VDDA_1P8_DS
ITX
D-PHY
CSI0_TXP2
O
A15
DSI_TXP3
DSI_TXP3
O
OFF
1.8 V
VDDA_0P8_DS
ITX /
VDDA_1P8_DS
ITX
D-PHY
CSI0_TXP3
O
F12
dsi_txrcalib
DSI_TXRCALIB
A
OFF
1.8 V
VDDA_0P8_DS
ITX /
VDDA_1P8_DS
ITX
D-PHY
U2
ecap0_in_apwm_out
ECAP0_IN_APWM_OUT
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
0/1
SYNC0_OUT
1
O
CPTS0_RFT_CLK
2
I
0
SPI2_CS3
4
IO
1
I3C0_SDAPULLEN
5
O
SPI7_CS0
6
IO
1
GPIO1_11
7
IO
0
C26
emu0
EMU0
0
IO
PU
0
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
1/1
B29
emu1
EMU1
0
IO
PU
0
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
1/1
AC18
extintn
EXTINTn
0
I
OFF
7
1.8 V/3.3 V
VDDSHV2
Yes
I2C OD FS
1
0/0
GPIO0_0
7
IO
0
U3
ext_refclk1
EXT_REFCLK1
0
I
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0
0/1
SYNC1_OUT
1
O
SPI7_CLK
6
IO
0
GPIO1_12
7
IO
0
AC5
i2c0_scl
I2C0_SCL
0
IOD
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
I2C OD FS
1
1/0
GPIO1_7
7
IO
0
AA5
i2c0_sda
I2C0_SDA
0
IOD
OFF
7
1.8 V/3.3 V
VDDSHV0
Yes
I2C OD FS
1
1/0
GPIO1_8
7
IO
0
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com