Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM21 Datasheet(PDF) 7 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 3Page - Texas Instruments TDA4VM21 Datasheet HTML 4Page - Texas Instruments TDA4VM21 Datasheet HTML 5Page - Texas Instruments TDA4VM21 Datasheet HTML 6Page - Texas Instruments TDA4VM21 Datasheet HTML 7Page - Texas Instruments TDA4VM21 Datasheet HTML 8Page - Texas Instruments TDA4VM21 Datasheet HTML 9Page - Texas Instruments TDA4VM21 Datasheet HTML 10Page - Texas Instruments TDA4VM21 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 331 page
background image
4 Device Comparison
Table 4-1 shows the features of the SoC.
Note
To understand what device features are currently supported by TI Software Development Kits (SDKs),
see the DRA829 and TDA4VM Software Build Sheet (PROCESSOR-SDK-J721E).
Table 4-1. Device Comparison
FEATURES(7)
REFERENCE
NAME
TDA4VM88
TDA4VM67
TDA4VM21
Features
PROCESSORS AND ACCELERATORS
Speed Grades
T
L
E
Arm Cortex-A72 Microprocessor Subsystem
Arm A72
Dual Core
Dual Core
Dual Core
Arm Cortex-R5F
Arm R5F
Hexa Core
Hexa Core
Quad Core(9)
Lockstep
Optional(1)
Optional(1)
Optional(1)
Device Management Security Controller
DMSC
Yes
Yes
Yes
C7x Floating Point, Vector DSP
C7x DSP
Yes
Yes
Yes
Deep Learning Accelerator
MMA
Yes
Yes
Yes
Two C66x Floating Point DSP
C66x DSP
Dual Core
Dual Core
Single Core
Graphics Accelerator 3D GPU PowerVR Rogue 8XE
GE8430
GPU
Yes
Yes
Yes
Depth and Motion Processing Accelerators
DMPAC
Yes
Yes
No
Vision Processing Accelerators
VPAC
Yes
Yes
Yes
Security Accelerators
SA
Yes
Yes
Yes
Video Encoder / Decoder
VENC/ VDEC
Yes
Yes
Yes
SAFETY AND SECURITY
Safety Targeted
Safety
Optional(1)
Optional(1)
Optional(1)
Device Security
Security
Optional(2)
Optional(2)
Optional(2)
AEC-Q100 Qualified
Q1
Optional(3)
Optional(3)
Optional(3)
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM) in MAIN Domain
OCSRAM
512KB SRAM
512KB SRAM
512KB SRAM
On-Chip Shared Memory (RAM) in MCU Domain
MCU_MSRAM
1MB SRAM
1MB SRAM
1MB SRAM
Multicore Shared Memory Controller
MSMC
8MB (On-Chip
SRAM with ECC)
8MB (On-Chip SRAM
with ECC)
8MB (On-Chip SRAM
with ECC)
LPDDR4 DDR Subsystem
DDRSS
Up to 8GB (32-bit
data) with inline
ECC
Up to 8GB (32-bit
data) with inline ECC
Up to 8GB (32-bit
data) with inline ECC
SECDED
7-Bit
7-Bit
7-Bit
General-Purpose Memory Controller
GPMC
Up to 1GB with
ECC
Up to 1GB with ECC
Up to 1GB with ECC
PERIPHERALS
Display Subsystem
DSS
Yes
Yes
Yes
Modular Controller Area Network Interface with Full
CAN-FD Support
MCAN
16
16
16
General-Purpose I/O
GPIO
Up to 226
Up to 226
Up to 226
Inter-Integrated Circuit Interface
I2C
10
10
10
Improved Inter-Integrated Circuit Interface
I3C
3
3
3
Analog-to-Digital Converter
ADC
2
2
2
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com