Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM21 Datasheet(PDF) 97 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 93Page - Texas Instruments TDA4VM21 Datasheet HTML 94Page - Texas Instruments TDA4VM21 Datasheet HTML 95Page - Texas Instruments TDA4VM21 Datasheet HTML 96Page - Texas Instruments TDA4VM21 Datasheet HTML 97Page - Texas Instruments TDA4VM21 Datasheet HTML 98Page - Texas Instruments TDA4VM21 Datasheet HTML 99Page - Texas Instruments TDA4VM21 Datasheet HTML 100Page - Texas Instruments TDA4VM21 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 331 page
background image
Table 5-61. CPSW2G0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_RMII1_TX_EN
RMII Transmit Enable
O
B26
MCU_RMII1_RXD0
RMII Receive Data 0
I
B24
MCU_RMII1_RXD1
RMII Receive Data 1
I
A24
MCU_RMII1_TXD0
RMII Transmit Data 0
O
B25
MCU_RMII1_TXD1
RMII Transmit Data 1
O
A26
5.3.11 CPSW9G
5.3.11.1 MAIN Domain
Table 5-62. CPSW9G0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
CLKOUT
RMII Clock Output (50 MHz). This pin is used for clock
source to the external PHY and must be routed back to
the RMII_REF_CLK pin for proper device operation.
OZ
AA25, AJ28, Y29
MDIO0_MDC
MDIO Clock
O
V24
MDIO0_MDIO
MDIO Data
IO
V26
RGMII1_RXC
RGMII Receive Clock
I
AD22
RGMII1_RX_CTL
RGMII Receive Control
I
AH23
RGMII1_TXC
RGMII Transmit Clock
O
AE24
RGMII1_TX_CTL
RGMII Transmit Control
O
AC24
RGMII2_RXC
RGMII Receive Clock
I
AE23
RGMII2_RX_CTL
RGMII Receive Control
I
AH24
RGMII2_TXC
RGMII Transmit Clock
O
AJ26
RGMII2_TX_CTL
RGMII Transmit Control
O
AJ27
RGMII3_RXC
RGMII Receive Clock
I
AE26
RGMII3_RX_CTL
RGMII Receive Control
I
AD25
RGMII3_TXC
RGMII Transmit Clock
O
AH28
RGMII3_TX_CTL
RGMII Transmit Control
O
AG27
RGMII4_RXC
RGMII Receive Clock
I
AC26
RGMII4_RX_CTL
RGMII Receive Control
I
AD29
RGMII4_TXC
RGMII Transmit Clock
O
AG29
RGMII4_TX_CTL
RGMII Transmit Control
O
AF29
RGMII5_RXC
RGMII Receive Clock
I
U25
RGMII5_RX_CTL
RGMII Receive Control
I
U26
RGMII5_TXC
RGMII Transmit Clock
O
U29
RGMII5_TX_CTL
RGMII Transmit Control
O
U23
RGMII6_RXC
RGMII Receive Clock
I
W26
RGMII6_RX_CTL
RGMII Receive Control
I
V23
RGMII6_TXC
RGMII Transmit Clock
O
W29
RGMII6_TX_CTL
RGMII Transmit Control
O
Y28
RGMII7_RXC
RGMII Receive Clock
I
AD22
RGMII7_RX_CTL
RGMII Receive Control
I
AH23
RGMII7_TXC
RGMII Transmit Clock
O
AE24
RGMII7_TX_CTL
RGMII Transmit Control
O
AC24
RGMII8_RXC
RGMII Receive Clock
I
AE23
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
97
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com