Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM21 Datasheet(PDF) 95 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 91Page - Texas Instruments TDA4VM21 Datasheet HTML 92Page - Texas Instruments TDA4VM21 Datasheet HTML 93Page - Texas Instruments TDA4VM21 Datasheet HTML 94Page - Texas Instruments TDA4VM21 Datasheet HTML 95Page - Texas Instruments TDA4VM21 Datasheet HTML 96Page - Texas Instruments TDA4VM21 Datasheet HTML 97Page - Texas Instruments TDA4VM21 Datasheet HTML 98Page - Texas Instruments TDA4VM21 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 331 page
background image
Table 5-52. UART4 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART4_RTSn
UART Request to Send (active low)
O
AD28, Y27
UART4_RXD
UART Receive Data
I
AG28, P24, W23
UART4_TXD
UART Transmit Data
O
AG27, R24, W28
Table 5-53. UART5 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART5_CTSn
UART Clear to Send (active low)
I
Y1
UART5_RTSn
UART Request to Send (active low)
O
Y5
UART5_RXD
UART Receive Data
I
AE29, Y29, Y3
UART5_TXD
UART Transmit Data
O
AD28, W4, Y27
Table 5-54. UART6 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART6_CTSn
UART Clear to Send (active low)
I
R23, W3
UART6_RTSn
UART Request to Send (active low)
O
T23, V4
UART6_RXD
UART Receive Data
I
AC27, T27, U27, W2
UART6_TXD
UART Transmit Data
O
AB26, T24, U24, W1
Table 5-55. UART7 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART7_CTSn
UART Clear to Send (active low)
I
P24
UART7_RTSn
UART Request to Send (active low)
O
R24
UART7_RXD
UART Receive Data
I
R26
UART7_TXD
UART Transmit Data
O
R25
Table 5-56. UART8 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART8_CTSn
UART Clear to Send (active low)
I
AF27, P23
UART8_RTSn
UART Request to Send (active low)
O
AF26, R28
UART8_RXD
UART Receive Data
I
P25, Y24
UART8_TXD
UART Transmit Data
O
AA25, R29
Table 5-57. UART9 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
UART9_CTSn
UART Clear to Send (active low)
I
T27, W2
UART9_RTSn
UART Request to Send (active low)
O
T24, W1
UART9_RXD
UART Receive Data
I
T28, W3
UART9_TXD
UART Transmit Data
O
T29, V4
5.3.8.2 MCU Domain
Table 5-58. UART0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MCU_UART0_CTSn
UART Clear to Send (active low)
I
C23, D26, H29
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
95
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com