Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA4VM21 Datasheet(PDF) 28 Page - Texas Instruments

Part # TDA4VM21
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM21 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TDA4VM21 Datasheet HTML 24Page - Texas Instruments TDA4VM21 Datasheet HTML 25Page - Texas Instruments TDA4VM21 Datasheet HTML 26Page - Texas Instruments TDA4VM21 Datasheet HTML 27Page - Texas Instruments TDA4VM21 Datasheet HTML 28Page - Texas Instruments TDA4VM21 Datasheet HTML 29Page - Texas Instruments TDA4VM21 Datasheet HTML 30Page - Texas Instruments TDA4VM21 Datasheet HTML 31Page - Texas Instruments TDA4VM21 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 331 page
background image
Table 5-1. Pin Attributes (continued)
BALL NUMBER 1
BALL NAME 2
SIGNAL NAME 3
MUXMODE
4
TYPE 5
BALL
RESET
STATE 6
BALL
RESET
REL.
MUXMODE
I/O
VOLTAGE
VALUE 8
POWER 9
HYS 10
BUFFER
TYPE 11
PULL UP/
DOWN
TYPE 12
DSIS 13
RXACTIVE/
TXDISABL
E 14
AD15
pcie_refclk1p
PCIE_REFCLK1P
IO
OFF
0.8 V
VDDA_0P8_SE
RDES0_1 / VD
DA_1P8_SERD
ES0_1
2-L-PHY
AE11
pcie_refclk2n
PCIE_REFCLK2N
IO
OFF
0.8 V
VDDA_0P8_SE
RDES0_1 / VD
DA_1P8_SERD
ES0_1
2-L-PHY
AD12
pcie_refclk2p
PCIE_REFCLK2P
IO
OFF
0.8 V
VDDA_0P8_SE
RDES0_1 / VD
DA_1P8_SERD
ES0_1
2-L-PHY
AE9
pcie_refclk3n
PCIE_REFCLK3N
IO
OFF
0.8 V
VDDA_0P8_SE
RDES2_3 / VD
DA_1P8_SERD
ES2_3
2-L-PHY
AD10
pcie_refclk3p
PCIE_REFCLK3P
IO
OFF
0.8 V
VDDA_0P8_SE
RDES2_3 / VD
DA_1P8_SERD
ES2_3
2-L-PHY
E26
pmic_power_en0
MCU_I3C0_SDAPULLEN
0
O
OFF
7
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
0/0
WKUP_GPIO0_66
7
IO
0
G23
pmic_power_en1
PMIC_POWER_EN1
0
O
OFF
0
1.8 V/3.3 V
VDDSHV0_MC
U
Yes
LVCMOS
PU/PD
0/0
MCU_I3C1_SDAPULLEN
5
O
WKUP_GPIO0_67
7
IO
0
J24
porz
PORz
0
I
OFF
0
1.8 V
VDDA_WKUP
Yes
FS Reset
PU/PD
U1
porz_out
PORz_OUT
0
O
OFF
0
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
0/0
AA27
prg0_mdio0_mdc
PRG0_MDIO0_MDC
0
O
OFF
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
0/1
I2C5_SDA
2
IOD
1
MCAN13_RX
6
I
1
GPIO0_84
7
IO
0
GPMC0_A0
8
OZ
0
DSS_FSYNC2
10
O
MCASP2_ACLKR
12
IO
MCASP2_AXR5
13
IO
0
Y26
prg0_mdio0_mdio
PRG0_MDIO0_MDIO
0
IO
OFF
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
0
0/1
I2C5_SCL
2
IOD
1
MCAN13_TX
6
O
GPIO0_83
7
IO
0
GPMC0_A27
8
OZ
0
DSS_FSYNC0
10
O
MCASP2_AFSR
12
IO
MCASP2_AXR4
13
IO
0
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com