Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 26Page - Texas Instruments TUSB564 Datasheet HTML 27Page - Texas Instruments TUSB564 Datasheet HTML 28Page - Texas Instruments TUSB564 Datasheet HTML 29Page - Texas Instruments TUSB564 Datasheet HTML 30Page - Texas Instruments TUSB564 Datasheet HTML 31Page - Texas Instruments TUSB564 Datasheet HTML 32Page - Texas Instruments TUSB564 Datasheet HTML 33Page - Texas Instruments TUSB564 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
8.2.1 Design Requirements
For this design example, use the parameters provided in Table 8-1.
Table 8-1. Design Parameters
PARAMETER(1)
VALUE
Redriver to USB3 Hub maximum PCB trace length, XAB
8 inches
Redriver to DP RX maximum PCB trace length, XEF
6 inches
Redriver to Type-C connector maximum PCB trace length, XCD
2 inches
Maximum distance of ESD component from the USB receptacle, LESD
1.0 inches
Maximum distance of series resistor (RESD) from ESD component, LR_ESD.
0.25 inches
CAC-USB1 AC-coupling capacitor (75nF to 265nF)
100nF or 220nF
CAC-USB2 AC-coupling capacitor (297nF to 363nF)
Options:
•
RX1 and RX2 are DC-coupled to USB receptacle
•
330nF AC-couple with RRX resistor
Optional RRX resistor (220kΩ ± 5%)
220kΩ ± 5%
Optional RESD (0Ω to 2.2Ω)
1Ω
VCC supply (3V to 3.6V)
3.3V
I2C Mode or GPIO Mode
I2C Mode. (I2C_EN pin != "0")
1.8V or 3.3V I2C Interface
3.3V I2C. Pullup the I2C_EN pin to 3.3V with a 1K ohm resistor. CTL1, EQ[1:0],
SSEQ[1:0], and DPEQ[1:0] pin unconnected.
EQ setting for DisplayPort Lanes
EQ Setting # 5 (Register 0x0A[4] = 1'b1, 0x10 = 0x55; 0x11 = 0x55)
EQ setting for Downstream USB Data Path
EQ Setting # 6 (Register 0x0A[4] = 1'b1, 0x20 = 0x66)
EQ setting for Upstream USB Data Path
EQ Setting # 6 (Register 0x0A[4] = 1'b1, 0x21 = 0x08)
(1)
Maximum trace length assumes an insertion loss of 0.2dB/inch/GHz. If insertion loss is more than 0.2dB/inch/GHz, then maximum
trace length must be reduced accordingly.
8.2.2 Detailed Design Procedure
A typical usage of the TUSB564-Q1 device is shown in Figure 8-2. The device can be controlled either
through its GPIO pins or through its I2C interface. In the example shown below, a Type-C PD controller is
used to configure the device through the I2C interface. In I2C mode, the equalization settings for each receiver
can be independently controlled through I2C registers. For this reason, the configuration pin CTL1 and all
of the equalization pins (EQ[1:0], SSEQ[1:0], and DPEQ[1:0]) can be left unconnected. If these pins are left
unconnected, the TUSB564-Q1 7-bit I2C target address is 0x12 because both DPEQ/A1 and SSEQ0/A0 are at
pin level "F". If a different I2C target address is desired, set the DPEQ/A1 and SSEQ0/A0 pins to a level which
produces the desired I2C target address.
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com