Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 30Page - Texas Instruments TUSB564 Datasheet HTML 31Page - Texas Instruments TUSB564 Datasheet HTML 32Page - Texas Instruments TUSB564 Datasheet HTML 33Page - Texas Instruments TUSB564 Datasheet HTML 34Page - Texas Instruments TUSB564 Datasheet HTML 35Page - Texas Instruments TUSB564 Datasheet HTML 36Page - Texas Instruments TUSB564 Datasheet HTML 37Page - Texas Instruments TUSB564 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
The use-case with the AUX-to-SBU switching performed by an external device is shown in Figure 8-4. In
this case, it is assumed that the PD controller is capable of correcting the polarity inversion of the AUX
signal and the TUSB564-Q1 is provided with the corrected polarity of the AUX signal through its AUXp/AUXn
pins. If the TUSB564-Q1 device configuration is through the I2C Mode, disable AUX snooping by setting
AUX_SNOOP_DISABLE register 0x13[7] = 1'b1. The DisplayPort sink device must handle the polarity inversion
of the Main Link signals as well as the Main Link lane swapping.
SBU1
SBU2
AUXn
AUXp
TUSB564
SBU2
SBU1
AUXP
AUXN
PD Controller
SBU2
SBU1
1M (+/-5%)
1M (+/-5%)
AUXP
AUXN
SRC_DET#
SRC_DET
100nF
100nF
DP SINK
3.3V
Make AUX connections as short as
possible to minimize stub effects
DP0
DP1
DP2
DP3
TX1
RX1
RX2
TX2
ML0
ML1
ML2
ML3
Copyright © 2017, Texas Instruments Incorporated
2M
2M
Figure 8-4. DisplayPort AUX Connections for UFP_D Pin Assignment E with External AUX Switching
8.2.3 Application Curve
Frequency (GHz)
0
2
4
6
8
10
12
14
16
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
D009
Length=12in, Width=6mil
Length=16in, Width=6mil
Length=20in, Width=6mil
Length=24in, Width=6mil
Length=4in, Width=4mil
Length=8in, Width=10mil
Length=8in, Width=6mil
Figure 8-5. Insertion Loss of FR4 PCB Traces
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
www.ti.com
34
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com