Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB564 Datasheet HTML 1Page - Texas Instruments TUSB564 Datasheet HTML 2Page - Texas Instruments TUSB564 Datasheet HTML 3Page - Texas Instruments TUSB564 Datasheet HTML 4Page - Texas Instruments TUSB564 Datasheet HTML 5Page - Texas Instruments TUSB564 Datasheet HTML 6Page - Texas Instruments TUSB564 Datasheet HTML 7Page - Texas Instruments TUSB564 Datasheet HTML 8Page - Texas Instruments TUSB564 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps
Sink-Side Linear Redriver Crosspoint Switch
1 Features
• USB Type-C® crosspoint switch supporting
– USB 3.25Gbps + 2 DP 1.4 lanes
– 4 DP 1.4 lanes
• USB 3.2 up to 5Gbps
• DisplayPort™ 1.4 up to 8.1Gbps (HBR3)
• VESA® DisplayPort™ alt mode UFP_D redriving
crosspoint switch supporting C, D, and E pin
assignments
• Ultra-low-power architecture
• Linear redriver with up to 11.6dB equalization
• Transparent to DisplayPort™ link training
• Configuration through GPIO or I2C
• Hot-plug capable
• Automotive Grade 2 temperature range: –40°C to
105°C
• Package: 5mm × 7mm, 0.5mm pitch VQFN
2 Applications
• Automotive infotainment and cluster
• Rear seat entertainment
• Automotive head units
3 Description
The TUSB564-Q1 is a VESA® DisplayPort™ Alt Mode
over USB-C® redriving switch that supports USB 3.2
data rates up to 5Gbps and DisplayPort 1.4 up to
8.1Gbps for upstream facing port (Sink). The device
is used for UFP_D pin assignments C, D, and E from
the VESA® DisplayPort™ Alt Mode over USB Type-
C® Standard.
The TUSB564-Q1 provides several levels of receive
linear equalization to compensate for inter symbol
interference (ISI) due to cable and board trace loss.
The TUSB564-Q1 operates on a single 3.3V supply
and comes in an automotive grade 2 temperature
range.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TUSB564-Q1
RGF (VQFN, 40)
7mm × 5mm
(1)
For all available packages, see Section 12.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
USB Hub
DP RX
TUSB564
PD Controller
D+/-
SSRX
SSTX
DP0
DP1
DP2
DP3
AUXn
AUXp
SBU1
SBU2
CC1
CC2
Control
HPD
CTL
FLIP
0
1
RX2
RX1
TX2
TX1
HPDIN
Copyright © 2017, Texas Instruments Incorporated
Simplified Schematics
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB564

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
3Mb / 54P
TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
MAY 2024
TUSB564-Q1 TI1-TUSB564-Q1 Datasheet
3Mb / 54P
TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
MAY 2024
TUSB564I TI1-TUSB564I Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
More results

Similar Description - TUSB564

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com