Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 2Page - Texas Instruments TUSB564 Datasheet HTML 3Page - Texas Instruments TUSB564 Datasheet HTML 4Page - Texas Instruments TUSB564 Datasheet HTML 5Page - Texas Instruments TUSB564 Datasheet HTML 6Page - Texas Instruments TUSB564 Datasheet HTML 7Page - Texas Instruments TUSB564 Datasheet HTML 8Page - Texas Instruments TUSB564 Datasheet HTML 9Page - Texas Instruments TUSB564 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature and voltage range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.3
4
V
VIN_DIFF
Differential voltage at differential inputs
±2.5
V
VIN_SE
Input voltage at differential Inputs
–0.5
4
V
VIN_CMOS
Input voltage at CMOS inputs
–0.3
4
V
TJ
Junction temperature
125
°C
TSTG
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC
Q100-002(1), all pins
±4000
V
Charged device model (CDM), per AEC
Q100-011, all pins
±1500
(1)
AEC Q100-002 indicates that HBM stressing must be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
5.3 Recommended Operating Conditions
over operating free-air temperature and voltage range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VCC_RAMP
Power supply ramp
0.1
100
ms
VI2C
Supply that external resistors on SDA and SCL are pulled up too
1.7
3.6
V
VPSN
Power supply noise on VCC
100
mV
TA
Ambient temperature
–40
105
°C
TPCB
PCB temperature (1mm away from the device)
–40
112
°C
5.4 Thermal Information
THERMAL METRIC(1)
Device
UNIT
RGF (VQFN)
40 PINS
RθJA
Junction-to-ambient thermal resistance
29.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
18.6
°C/W
RθJB
Junction-to-board thermal resistance
10.8
°C/W
ΨJT
Junction-to-top characterization parameter
0.3
°C/W
ΨJB
Junction-to-board characterization parameter
10.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
3.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com