Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 13Page - Texas Instruments TUSB564 Datasheet HTML 14Page - Texas Instruments TUSB564 Datasheet HTML 15Page - Texas Instruments TUSB564 Datasheet HTML 16Page - Texas Instruments TUSB564 Datasheet HTML 17Page - Texas Instruments TUSB564 Datasheet HTML 18Page - Texas Instruments TUSB564 Datasheet HTML 19Page - Texas Instruments TUSB564 Datasheet HTML 20Page - Texas Instruments TUSB564 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
7 Detailed Description
7.1 Overview
The TUSB564-Q1 is a VESA USB Type-C Alt Mode redriving switch that supports data rates up to 8.1Gbps for
upstream facing port. This device uses 5th generation USB redriver technology. The device is used for UFP pin
assignments C and D from the VESA DisplayPort Alt Mode on USB Type-C Standard.
The TUSB564-Q1 provides several levels of receive equalization to compensate for cable and board trace loss
which if not equalized causes inter-symbol interference (ISI) when USB 3.2 or DisplayPort 1.4 signals travel
across a PCB or cable. This device requires a 3.3V power supply. The device comes in an automotive grade 2
temperature range.
For a sink application, the TUSB564-Q1 enables the system to pass both transmitter compliance and receiver
jitter tolerance tests for USB 3.2 up to 5Gbps and DisplayPort version 1.4 HBR3. The redriver recovers incoming
data by applying equalization that compensates for channel loss, and drives out signals with a high differential
voltage. Each channel has a receiver equalizer with selectable gain settings. Set the equalization based on the
amount of insertion loss in the channels connected to the TUSB564-Q1. Independent equalization control for
each channel can be set using EQ[1:0], SSEQ[1:0], and DPEQ[1:0] pins.
The TUSB564-Q1 advanced state machine makes the device transparent to hosts and devices. After power up,
the TUSB564-Q1 periodically performs receiver detection on the TX pairs. If the TUSB564-Q1 detects a USB 3.2
receiver, the RX termination is enabled, and the TUSB564-Q1 is ready to re-drive.
www.ti.com
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com