Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564 Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 40Page - Texas Instruments TUSB564 Datasheet HTML 41Page - Texas Instruments TUSB564 Datasheet HTML 42Page - Texas Instruments TUSB564 Datasheet HTML 43Page - Texas Instruments TUSB564 Datasheet HTML 44Page - Texas Instruments TUSB564 Datasheet HTML 45Page - Texas Instruments TUSB564 Datasheet HTML 46Page - Texas Instruments TUSB564 Datasheet HTML 47Page - Texas Instruments TUSB564 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Table 9-7. USB3.1 Control/Status Registers (0x20)
Bit
Field
Type
Reset
Description
7:4
EQ2_SEL
R/W/U
0000
Field selects EQ level for USB3.1 RX2 receiver. When
EQ_OVERRIDE = 1’b0, this field reflects the sampled state
of EQ[1:0] pins. When EQ_OVERRIDE = 1’b1, software can
change the EQ setting for USB3.1 RX2 receiver based on value
written to this field.
3:0
EQ1_SEL
R/W/U
0000
Field selects EQ level for USB3.1 RX1 receiver. When
EQ_OVERRIDE = 1’b0, this field reflects the sampled state
of EQ[1:0] pins. When EQ_OVERRIDE = 1’b1, software can
change the EQ setting for USB3.1 RX1 receiver based on value
written to this field.
9.7 USB3.1 Control/Status Registers (address = 0x21) [reset = 00000000]
Figure 9-7. USB3.1 Control/Status Registers (0x21)
7
6
5
4
3
2
1
0
Reserved
SSEQ_SEL
R
R/W/U
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 9-8. USB3.1 Control/Status Registers (0x21)
Bit
Field
Type
Reset
Description
7:4
Reserved
R
0000
Reserved
3:0
SSEQ_SEL
R/W/U
0000
Field selects between 0dB to 11dB of EQ for USB3.1 SSTXP/N
receiver. When EQ_OVERRIDE = 1’b0, this field reflects the
sampled state of SSEQ[1:0] pins. When EQ_OVERRIDE =
1’b1, software can change the EQ setting for USB3.1 SSTXP/N
receiver based on value written to this field.
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
www.ti.com
44
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com