Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 36Page - Texas Instruments TUSB564 Datasheet HTML 37Page - Texas Instruments TUSB564 Datasheet HTML 38Page - Texas Instruments TUSB564 Datasheet HTML 39Page - Texas Instruments TUSB564 Datasheet HTML 40Page - Texas Instruments TUSB564 Datasheet HTML 41Page - Texas Instruments TUSB564 Datasheet HTML 42Page - Texas Instruments TUSB564 Datasheet HTML 43Page - Texas Instruments TUSB564 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
9 Register Maps
Table 9-1. Register Legend
ACCESS TAG
NAME
MEANING
R
Read
The field can be read by software
W
Write
The field can be written by software
S
Set
The field can be set by a write of one. Writes of zeros to the field have no effect.
C
Clear
The field can be cleared by a write of one. Write of zero to the field have no effect.
U
Update
Hardware can autonomously update this field.
NA
No Access
Not accessible or not applicable
9.1 General Register (address = 0x0A) [reset = 00000001]
Figure 9-1. General Registers
7
6
5
4
3
2
1
0
Reserved
Reserved
EQ_OVERRIDE HPDIN_OVRRI
DE
FLIPSEL
CTLSEL[1:0].
R
R
R/W
R/W
R/W
R/W
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 9-2. General Registers
Bit
Field
Type
Reset
Description
7:5
Reserved.
R
00
Reserved.
4
EQ_OVERRIDE
R/W
0
Setting this field allows software to use EQ settings from
registers instead of value sample from pins.
0: EQ settings based on sampled state of the EQ pins
(SSEQ[1:0], EQ[1:0], and DPEQ[1:0]).
1: EQ settings based on programmed value of each of the EQ
registers
3
DP_EN_CTRL
R/W
0
Controls whether DisplayPort functionality is controlled by
CTLSEL1 register or CTL1 pin.
0: DisplayPort enable/disable is based on CTLSEL1 register.
1: DisplayPort enable/disable is based on state of CTL1 pin.
2
FLIPSEL
R/W
0
FLIPSEL. Refer to Table 7-5 and Table 7-6 for this field
functionality.
1:0
CTLSEL[1:0].
R/W
01
00: Disabled. All RX and TX for USB3 and DisplayPort are
disabled.
01: USB3.1 only enabled. (Default)
10: Four DisplayPort lanes enabled.
11: Two DisplayPort lanes and one USB3.1
9.2 DisplayPort Control/Status Registers (address = 0x10) [reset = 00000000]
Figure 9-2. DisplayPort Control/Status Registers (0x10)
7
6
5
4
3
2
1
0
DP1EQ_SEL
DP3EQ_SEL
R/W/U
R/W/U
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset
Table 9-3. DisplayPort Control/Status Registers (0x10)
Bit
Field
Type
Reset
Description
7:4
DP1EQ_SEL
R/W/U
0000
Field selects EQ level for DP lane 1. When EQ_OVERRIDE =
1’b0, this field reflects the sampled state of DPEQ[1:0] pins.
When EQ_OVERRIDE = 1’b1, software can change the EQ
setting for DP lane 1 based on value written to this field.
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
www.ti.com
40
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com