Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 18Page - Texas Instruments TUSB564 Datasheet HTML 19Page - Texas Instruments TUSB564 Datasheet HTML 20Page - Texas Instruments TUSB564 Datasheet HTML 21Page - Texas Instruments TUSB564 Datasheet HTML 22Page - Texas Instruments TUSB564 Datasheet HTML 23Page - Texas Instruments TUSB564 Datasheet HTML 24Page - Texas Instruments TUSB564 Datasheet HTML 25Page - Texas Instruments TUSB564 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
7.4.2 Device Configuration In I2C Mode
The TUSB564-Q1 is in I2C mode when I2C_EN is not equal to 0. The same configurations defined in GPIO
mode are also available in I2C mode. The TUSB564-Q1 USB and DisplayPort configuration is controlled based
on Table 7-5. The AUXp or AUXn to SBU1 or SBU2 mapping control is based on Table 7-6.
Table 7-5. I2C Configuration Control
REGISTERS
CONFIGURATION
VESA DisplayPort ALT MODE
UFP_D CONFIGURATION
CTLSEL1
CTLSEL0
FLIPSEL
0
0
0
Power Down
—
0
0
1
Power Down
—
0
1
0
One Port USB – No Flip
—
0
1
1
One Port USB – With Flip
—
1
0
0
4 Lane DP – No Flip
C
1
0
1
4 Lane DP – With Flip
C
1
1
0
One Port USB + 2 Lane DP – No Flip
D
1
1
1
One Port USB– + 2 Lane DP – With Flip
D
Table 7-6. I2C AUXp or AUXn to SBU1 or SBU2 Mapping
REGISTERS
MAPPING
AUX_SBU_OVR
CTLSEL1
FLIPSEL
00
1
0
SBU1 → AUXn
SBU2 → AUXp
00
1
1
SBU2 → AUXn
SBU1 → AUXp
00
0
X
Open
01
X
X
SBU1 → AUXn
SBU2 → AUXp
10
X
X
SBU2 → AUXn
SBU1 → AUXp
11
X
X
Open
7.4.3 DisplayPort Mode
The TUSB564-Q1 supports up to four DisplayPort lanes at datarates up to 8.1Gbps. The TUSB564-Q1 can
be enabled for DisplayPort through the GPIO control pin CTL1 or through the I2C register CTLSEL1. When
I2C_EN is "0", DisplayPort is controlled based on Table 7-2. When not in GPIO mode, DisplayPort functionality
is controlled through I2C registers. Data transfer through the DisplayPort lanes is further controlled by the HPDIN
pin. DisplayPort must be enabled using CTL1 pin or CTLSEL1 register and also HPDIN must be pulled high for
the DisplayPort data transfer to be enabled through the DisplayPort lanes.
Note
When operating in 4-lane DP mode (CTLSEL[1:0] = 2h) with AUX snoop disabled
(AUX_SNOOP_DISABLE = 1), all four DP lanes must be enabled (DP0_DISABLE = DP1_DISABLE =
DP2_DISABLE = DP3_DISABLE = "0").
With AUX snoop disabled (AUX_SNOOP_DISABLE = 1) and CTLESEL[1:0] = 2h, the individual DP
lane disable/enable for DP0 and DP3 are swapped and DP1 and DP2 are swapped. DP0_DISABLE
controls DP3, DP3_DISABLE controls DP0, DP1_DISABLE controls DP2, and DP2_DISABLE
controls DP1.
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com