Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 34Page - Texas Instruments TUSB564 Datasheet HTML 35Page - Texas Instruments TUSB564 Datasheet HTML 36Page - Texas Instruments TUSB564 Datasheet HTML 37Page - Texas Instruments TUSB564 Datasheet HTML 38Page - Texas Instruments TUSB564 Datasheet HTML 39Page - Texas Instruments TUSB564 Datasheet HTML 40Page - Texas Instruments TUSB564 Datasheet HTML 41Page - Texas Instruments TUSB564 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
8.4 Power Supply Recommendations
The TUSB564-Q1 is designed to operate with a 3.3V power supply. Do not use levels above those listed in
Recommended Operating Conditions. If using a higher voltage system power supply, a voltage regulator can
be used to step down to 3.3V. Use decoupling capacitors to reduce noise and improve power supply integrity.
Connect a 0.1µF capacitor between each power pin and ground.
8.5 Layout
8.5.1 Layout Guidelines
1. Route RXP/N and TXP/N pairs with controlled 90Ω differential impedance (±15%).
2. Keep away from other high speed signals.
3. Keep intra-pair routing to within 2 mils.
4. Place length matching near the location of mismatch.
5. Separate each pair by at least 3 times the signal trace width.
6. Keep the use of bends in differential traces to a minimum. When bends are used, make sure to keep the
number of left and right bends as equal as possible and the angle of the bend ≥ 135 degrees. This minimizes
any length mismatch causes by the bends and therefore minimizes the impact bends have on EMI.
7. Route all differential pairs on the same of layer.
8. Keep the number of vias to a minimum. TI recommends to keep the via count to 2 or less.
9. Keep traces on layers adjacent to ground plane.
10. Do NOT route differential pairs over any plane split.
11. Note that adding test points can cause impedance discontinuity, and therefore negatively impact signal
performance. If test points are used, place the points in series and symmetrically. The points must not be
placed in a manner that causes a stub on the differential pair.
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
www.ti.com
38
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com