Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB564 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  TUSB564-Q1 Automotive USB Type-C® DP Alt Mode 8.1Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB564 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 28Page - Texas Instruments TUSB564 Datasheet HTML 29Page - Texas Instruments TUSB564 Datasheet HTML 30Page - Texas Instruments TUSB564 Datasheet HTML 31Page - Texas Instruments TUSB564 Datasheet HTML 32Page - Texas Instruments TUSB564 Datasheet HTML 33Page - Texas Instruments TUSB564 Datasheet HTML 34Page - Texas Instruments TUSB564 Datasheet HTML 35Page - Texas Instruments TUSB564 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
8.2.2.1 ESD Protection
It may be necessary to incorporate an ESD component to protect the TUSB564-Q1 from electrostatic discharge
(ESD). TI recommends following the ESD protection recommendations listed in Table 8-2. A clamp voltage
greater than value specified in Table 8-2 may require a RESD on each differential pin. Place the ESD component
near the USB connector.
Table 8-2. ESD Diodes Recommended Characteristics
PARAMETER
RECOMMENDATION
Breakdown voltage
≥ 3.5V
I/O line capacitance
Data rates ≤ 5Gbps: ≤ 0.50pF
Data rates > 5Gbps: ≤ 0.35pF
Delta capacitance between any P and N I/O pins
≤ 0.07pF
Clamping voltage at 8A IPP IO to GND (1)
≤ 4.5V
Typical dynamic resistance
≤ 30mΩ
(1)
According to IEC 61000-4-5 (8/20μs current waveform)
Table 8-3. Recommended ESD Protection Component
MANUFACTURER
PART NUMBER
RESD TO SUPPORT IEC 61000-4-2 CONTACT ±8kV
Nexperia
PUSB3FR4
1Ω
Nexperia
PESD2V8Y1BSF
1Ω
Texas Instruments
TPD1E04U04DPLR
2Ω
Texas Instruments
TPD4E02B04DQAR
2Ω
TUSB564-Q1
SLLSFO9A – MAY 2024 – REVISED SEPTEMBER 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB564-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com