Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-2700-DC-R Datasheet(PDF) 39 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 39 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 35Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 36Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 37Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 38Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 39Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 40Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 41Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 42Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 43Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
Cabling the Modular Switch
Figure 24: Supervisor DCS-7500E-SUP
1 Status LED
5 Fan module status LED
9 Active LED
2 USB ports
6 Fabric module status LED
3 Ethernet management ports
7 Linecard status LED
4 Serial console port
8 Power supply status LED
Figure 25: Supervisor DCS-7500E-SUP 2
1 Status LED
5 Clock input port (optional)
9 Power supply status LED
2 USB ports
6 Fan module status LED
10 Active LED
3 Ethernet management ports
7 Fabric module status LED
4 Serial console port
8 Linecard status LED
Figure 26: Supervisor DCS-7516-SUP
1 Status LED
5 Clock input port (optional)
9 Power supply status LED
2 USB ports
6 Fan module status LED
10 Active LED
3 Ethernet management ports
7 Fabric module status LED
4 Serial console port
8 Linecard status LED
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com