Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-2700-DC-R Datasheet(PDF) 5 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 5 Page - Arista Networks, Inc

  PWR-2700-DC-R Datasheet HTML 1Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
Chapter
1
Overview
The following topics are covered in this section:
•
Scope
•
Receiving and Inspecting the Equipment
•
Installation Process
•
Safety Information
•
Obtaining Technical Assistance
•
Specifications
1.1
Scope
This guide is intended for properly trained service personnel and technicians who need to install the
following Arista Networks Data Center Switches:
•
DCS-7504N
•
DCS-7508N
•
DCS-7512N
•
DCS-7516N
Important:
Only qualified personnel should install, service, or replace this equipment.
Seul le personnel qualifié doit installer, service, ou remplacer cet équipement.
1.2
Receiving and Inspecting the Equipment
Upon receiving the switch, inspect the shipping boxes and record any external damage. Retain
packing materials if you suspect that part of the shipment is damaged; the carrier may need to inspect
them.
If the boxes were not damaged in transit, unpack them carefully. Ensure that you do not discard any
accessories that may be packaged in the same box as the main unit.
Inspect the packing list and confirm that you received all listed items. Compare the packing list with
your purchase 7500N Series Modular Switches order. Parts List provides a list of components included
with the switch.
1.3
Installation Process
The following tasks are required to install and use the switch:
1. Select and prepare the installation site (Site Selection).
2. Assemble the installation tools listed (Tools and Parts Required for Installation).
3. Attach the mounting brackets and install the switch in an equipment rack (7504N and 7508N Rack
Mounting and 7512N and 7516N Shelf Rack Mount Installation).
4. Connect the switch to the power source and network devices (Cabling the Power Supplies).
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com