Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-2700-DC-R Datasheet(PDF) 55 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 55 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 51Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 52Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 53Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 54Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 55Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 56Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 57Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 58Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 59Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
Parts List
B.4
Four Post Rack Mount for 12-slot and 16-slot Chassis
The following sections list the parts provided in the accessory kit for four-post rack mount installations
of the 12-slot and 16-slot chassis.
Table 20: Four-Post Rack Mount Parts for the 12-slot and 16-slot Chassis
Quantity
Description
1
Shelf (or cradle)
1
Left shelf support
1
Right shelf support
25
M6 cage nuts square hole
25
M6X16 pan-head Phillips
screws
25
M5X16mm pan-head Phillip
screws
25
12-24X5/8 pan-head Phillip
screws
27
10-32X5/8 pan-head Phillip
screws
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com