Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-2700-DC-R Datasheet(PDF) 21 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 21 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 17Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 18Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 19Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 20Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 21Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 22Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 23Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 24Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 25Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
Rack Mounting the Switch
1. Move the chassis to the rack using a mechanical lift as shown in the following figure.
Note: If modules are inserted in the chassis, use the lift carefully to avoid damaging any
components.
2. Lift the chassis into the rack.
Figure 9: Lifting the chassis
3. Secure the chassis by tightening the thumbscrews on the front flanges into the rack posts as shown
in the following figure.
Figure 10: Secure the Switch to the Rack Shelf
4. After completing the two-post Installation, proceed to Cabling the Modular Switch.
3.2
7512N and 7516N Shelf Rack Mount Installation
The rack mounting assembly is for the 7512N and 7516N Series switch.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com