Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-2700-DC-R Datasheet(PDF) 13 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 13 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 9Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 10Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 11Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 12Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 13Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 14Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 15Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 16Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 17Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
Preparation
Two-post and Four-post Rack Mounts
Table 5: Rack Component Requirements shows the rack components required for each of the modular
switches.
Table 5: Rack Component Requirements
Rack or Cabinet (standard 19" EIA)
Switch
Rack Screws
1
Rack Nuts
2
Notes
8
8
2-post installation
DCS-7504N
10
10
4-post installation
10
10
2-post installation
DCS-7508N
16
16
4-post installation
DCS-7512N
22
22
4-post installation
DCS-7516N
24
24
4-post installation
1The accessory kit includes screws that fit many common equipment racks.
2Rack nuts are only for racks with unthreaded, rack-post holes.
2.3
Electrostatic Discharge (ESD) Precautions
Observe these guidelines to avoid ESD damage when installing or servicing the switch.
•
Assemble or disassemble equipment only in a static-free work area.
•
Use a conductive work surfaces (such as an anti-static mat) to dissipate static charge.
•
Wear an ESD wrist strap to dissipate static charge accumulation.
•
Minimize handling of assemblies and components.
•
Keep replacement parts in their original static-free packaging.
•
Remove all plastic, foam, vinyl, paper, and other static-generating materials from the work area.
•
Use tools that do not create ESD.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com