Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-2700-DC-R Datasheet(PDF) 65 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 65 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 61Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 62Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 63Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 64Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 65Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 66Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 67Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 68Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 69Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
Appendix
E
Line Cards
This appendix displays the line cards supported by modular switches covered by this guide.
DCS-7500E-36Q-LC
The 36 port QSFP+ line card has 36 QSFP+ ports that allow for a high degree of flexibility in a mixed
10G/40G network. All QSFP+ ports can operate as either a single 40Gb Ethernet port or quad 10Gb
Ethernet ports with up to 36 ports of 40G or 144 ports of high-density 10G.
1 Status LED
3 10G port LEDS
2 40G port LEDS
DCS-7500E-72S-LC
The 48 SFP+ and 2 port 100GbE MXP line card provides a flexible combination of 48 ports of SFP
+ and 2 MPO ports for up to 72 10Gb Ethernet ports. The two 100G MTP/MPO ports provide 100G
capability using Arista Multi-speed Ports (MXP) with integrated optics. MXP ports use 100GBASE-
SR10 (Short Range) transceivers and are fully compatible with any standards compliant 100GBASE-
SR10 ports. Each MXP port can be easily configured as a single 100Gb, triple 40Gb or twelve 10Gb
Ethernet.
1 Status LED
3 MXP port LEDS
2 10G port LEDS
DCS-7500E-48S-LC
The 48 port 1/10GbE SFP+ line card has 48 SFP+ ports. Having 48 ports of SFP+ ports allows this line
card the flexibility to utilize any existing Arista SFP+ optic or direct attach cables, and to support both
1Gb and 10Gb speeds.
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com