Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-2700-DC-R Datasheet(PDF) 4 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 4 Page - Arista Networks, Inc

  PWR-2700-DC-R Datasheet HTML 1Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 2Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 3Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 4Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 5Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 6Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 7Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 8Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
A.2 Line Card Module Indicators................................................................................................ 43
A.3 Fabric Status Indicators....................................................................................................... 44
A.4 Power Supply Status Indicators........................................................................................... 45
Appendix B: Parts List..........................................................................47
B.1 Parts Used in All Rack Mount Configurations......................................................................48
B.1.1 Cables.....................................................................................................................48
B.1.2 Getting-Started Booklet.......................................................................................... 48
B.2 Two-Post Rack Mount Parts................................................................................................ 48
B.3 Four-Post Rack Mount Parts for 4-slot and 8-slot Chassis..................................................49
B.4 Four Post Rack Mount for 12-slot and 16-slot Chassis....................................................... 51
Appendix C: Front Panel...................................................................... 53
Appendix D: Rear Panel....................................................................... 57
Appendix E: Line Cards........................................................................61
Appendix F: Maintenance and Field Replacement............................ 69
F.1 Power Supplies.....................................................................................................................69
F.1.1 Removing Power Supply Blank.............................................................................. 69
F.1.2 Removing AC Power Supply.................................................................................. 70
F.1.3 Installing AC Power Supply.................................................................................... 70
F.1.4 Removing DC Power Supply..................................................................................70
F.1.5 Installing DC Power Supply....................................................................................71
F.2 Fabric and Fan Module (Fabric Module)..............................................................................71
F.2.1 Removing Fabric Module Blank............................................................................. 71
F.2.2 Removing Fabric Module........................................................................................71
F.2.3 Installing Fabric Module..........................................................................................72
F.2.4 Removing Service Provider 7500N Series Fan and Safety Guard......................... 72
F.3 Touch Point Shield (Optional).............................................................................................. 72
F.3.1 Installing the Touch Point Shield............................................................................72
F.4 Supervisor Module................................................................................................................73
F.4.1 Removing Supervisor Module Blank...................................................................... 73
F.4.2 Removing Supervisor Module.................................................................................73
F.4.3 Installing Supervisor Module.................................................................................. 74
F.5 Linecards.............................................................................................................................. 74
F.5.1 Removing Linecard Blank.......................................................................................74
F.5.2 Removing Linecard................................................................................................. 74
F.5.3 Installing Linecard................................................................................................... 74
Appendix G: Taiwan RoHS Information.............................................. 75
iv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com