Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-2700-DC-R Datasheet(PDF) 49 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 49 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 45Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 46Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 47Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 48Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 49Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 50Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 51Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 52Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 53Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
Status Indicators
Figure 34: 7512N (left) and 7516N Fan Status and Fabric Status LEDs
1 Fabric status LED
2 Fan status LED
Table 14: Fan Status and Fabric Status LEDs on Rear Panel interprets the states of the fan and fabric
status LED.
Table 14: Fan Status and Fabric Status LEDs on Rear Panel
LED State
Status
Off
Module inserted, but status is
unknown.
Green
Module operating normally
Red
Module failed
A.4
Power Supply Status Indicators
•
PWR-3KT-AC RED
•
PWR-2700-DC-R
•
PWR-3K-DC-RED
The power supply LEDs are on the power supply modules.The position of the LEDs are on the rear of
each switch. Figure 35: 7500N Power Supplies display all the power supply modules supported on the
7500N.
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com