Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-2700-DC-R Datasheet(PDF) 77 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 77 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 72Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 73Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 74Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 75Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 76Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 77Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 78Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 79Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 80Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 77 / 80 page
background image
Maintenance and Field Replacement
2. Match the six screws on the Touch Point Shield to the holes on the chassis and screw in the Touch
Point Shield).
Figure 48: Installing the Touch Point Shield (7512N)
1 ESD port
3 Ground cable going up
2 Ground cable going down
F.4
Supervisor Module
The supervisor modules are hot-swappable. They are accessible from the front of the switch. You must
take into account that the module you are inserting is compatible with the switch and the module that
you are replacing. Use the following procedure to remove and replace a supervisor module. For the
supervisor module locations for your device, refer to Front Panel.
F.4.1
Removing Supervisor Module Blank
The fabric module blank is screwed on. Use the appropriate screwdriver for your switch.
1. Put on a grounded, anti-static ESD strap.
2. Unscrew the blank from the fabric module slot you are going to populate.
You may want to save the blank for future use as needed. The blank is needed for the switch to
operate normally if a fabric module slot is not populated.
F.4.2
Removing Supervisor Module
Perform the following steps to remove the module.
1. Put on a grounded ESD strap.
2. Pinch ejector buttons on handles or levers on each end of the supervisor card.
3. Spread the ejector buttons on the handles outwards.
4. Pull the supervisor module out by the ejector buttons on the handles of the supervisor card.
5. Slide supervisor module out of the slot.
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com