Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWR-2700-DC-R Datasheet(PDF) 30 Page - Arista Networks, Inc

Part # PWR-2700-DC-R
Description  Quick Start Guide 7500N Series Modular Data Center Switches
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

PWR-2700-DC-R Datasheet(HTML) 30 Page - Arista Networks, Inc

Back Button PWR-2700-DC-R Datasheet HTML 26Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 27Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 28Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 29Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 30Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 31Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 32Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 33Page - Arista Networks, Inc PWR-2700-DC-R Datasheet HTML 34Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
Each power supply includes a fan that maintains proper power supply temperature and cools the
supervisor modules. The appendices display the location of components for all switches described in
this guide.
Figure 19: Supported Power Supplies shows the supported power supplies for the 7500N family of
switches.
Figure 19: Supported Power Supplies
1PWR-3KT-AC-Red
2PWR-2700-DC-R
3PWR-3K-DC-Red
4.2
Cabling Secondary Ground
Front Panel displays the location of the secondary grounding pads on the front panel of the switch
chassis. After mounting the switch into the rack, connect at least one of the secondary grounds to the
data center ground. After the switch is grounded, ESD wrist straps can be grounded by connecting
them to one of the attach points.
Important: Grounding wires and grounding lugs are not supplied. Wire size should meet
local and national installation requirements. Commercially available 2 or 4 AWG wire is
recommended for installations in the U.S.
À la terre et de mise à la terre fils cosses ne sont pas fournis. Calibre des fils doit satisfaire des
exigences de l'installation locale et nationale. Disponible dans le commerce 2 ou 4 AWG fil est
recommandé pour les installations aux États-Unis.
Important: This equipment must be grounded. Never defeat the ground conductor. This unit
requires over-current protection.
Cet équipement doit être mis à la terre. Ne jamais modifier le conducteur de terre. Cet appareil
nécessite de protection contre les surintensités.
Important: Secondary Grounding wires, lugs and screws (M4 x 0.7) are not supplied.
Secondaire à la terre, câbles, cosses et vis (M4 x 0.7) ne sont pas fournis.
Secondary ground locations on the switches are displayed in Rear Panel.
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com