Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  AD8318ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Data Sheet
AD8318
SPECIFICATIONS
analog.com
Rev. E | 4 of 24
Table 1. (Continued)
Parameter
Conditions
Min
Typ
Max
Unit
Input Impedance
119||0.7
Ω||pF
±3 dB Dynamic Range
TA = 25°C
70
dB
±1 dB Dynamic Range
TA = 25°C
58
dB
−40°C < TA < +85°C
42
dB
Maximum Input Level
±1 dB error
−2
dBm
Minimum Input Level
±1 dB error
–60
dBm
Slope
−24.3
mV/dB
Intercept
19.8
dBm
Output Voltage—High Power In
PIN = −10 dBm
0.717
V
Output Voltage—Low Power In
PIN = −40 dBm
1.46
V
Temperature Sensitivity
PIN = −10 dBm
25°C ≤ TA ≤ 85°C
0.0022
dB/°C
−40°C ≤ TA ≤ +25°C
0.004
dB/°C
f = 5.8 GHz
RTADJ = 1000 Ω
Input Impedance
33||0.59
Ω||pF
±3 dB Dynamic Range
TA = 25°C
70
dB
±1 dB Dynamic Range
TA = 25°C
57
dB
−40°C < TA < +85°C
48
dB
Maximum Input Level
±1 dB error
−1
dBm
Minimum Input Level
±1 dB error
−58
dBm
Slope
−24.3
mV/dB
Intercept
25
dBm
Output Voltage—High Power In
PIN = −10 dBm
0.86
V
Output Voltage—Low Power In
PIN = −40 dBm
1.59
V
Temperature Sensitivity
PIN = −10 dBm
25°C ≤ TA ≤ 85°C
0.0033
dB/°C
−40°C ≤ TA ≤ +25°C
0.0069
dB/°C
f = 8.0 GHz
RTADJ = 500 Ω
±3 dB Dynamic Range
TA = 25°C
60
dB
−40°C < TA < +85°C
58
dB
Maximum Input Level
±3 dB error
3
dBm
Minimum Input Level
±3 dB error
−55
dBm
Slope
−23
mV/dB
Intercept
37
dBm
Output Voltage—High Power In
PIN = −10 dBm
1.06
V
Output Voltage—Low Power In
PIN = −40 dBm
1.78
V
Temperature Sensitivity
PIN = −10 dBm
25°C ≤ TA ≤ 85°C
0.028
dB/°C
−40°C ≤ TA ≤ +25°C
−0.0085
dB/°C
OUTPUT INTERFACE
VOUT (Pin 6)
Voltage Swing
VSET = 0 V; PIN = −10 dBm, no load1
4.9
V
VSET = 2.1 V; PIN = −10 dBm, no load1
25
mV
Output Current Drive
VSET = 1.5 V; PIN = −50 dBm
60
mA
Small Signal Bandwidth
PIN = −10 dBm; from CLPF to VOUT
60
MHz
Video Bandwidth (or Envelope Bandwidth)
45
MHz
Output Noise
PIN = 2.2 GHz; −10 dBm, fNOISE = 100 kHz, CLPF = 220 pF
90
nV/√Hz
Fall Time
PIN = Off to −10 dBm, 90% to 10%
10
ns
Rise Time
PIN = −10 dBm to off, 10% to 90%
12
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com