Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8318ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Data Sheet
AD8318
USING THE AD8318
analog.com
Rev. E | 18 of 24
Figure 39. AD8318 Operating with the High Speed ADCMP563 Comparator
RESPONSE TIME CAPABILITY
The AD8318 has a 10 ns rise/fall time capability (10% to 90%)
for input power switching between the noise floor and 0 dBm.
This capability enables RF burst measurements at repetition rates
beyond 45 MHz. In most measurement applications, the AD8318
has an external capacitor connected to CLPF to provide additional
filtering for VOUT. However, using the CLPF capacitor slows the
response time as does stray capacitance on VOUT. For an applica-
tion requiring maximum RF burst detection capability, the CLPF pin
is left unconnected. In this case, the integration function is provided
by the 1.5 pF on-chip capacitor.
There is a 10 Ω internal resistor in series with the output driver.
Because of this resistor, it is necessary to add an external 40 Ω
back-terminating resistor in series with the output when driving a 50
Ω load. Place the back-terminating resistor close to the VOUT pin.
The AD8318 has the drive capability to drive a 50 Ω load at the end
of a coaxial cable or transmission line when back terminated (see
Figure 39).
The circuit diagram in Figure 39 shows the AD8318 used with
a high speed comparator circuit. The 40 Ω series resistor at the
output of the AD8318 combines with an internal 10 Ω to properly
match to the 50 Ω input of the comparator.
Figure 40. Pulse Response of AD8318 and Comparator for RF Pulses of
Varying Amplitudes
Figure 40 shows the response of the AD8318 and the comparator
for a 500 MHz pulsed sine wave of varying amplitudes. The output
level of the AD8318 is the signal strength of the input signal.
For applications where these RF bursts are very small, the output
level does not change by a large amount. Using a comparator is
beneficial in this case because it turns the output of the log amp
into a limiter-like signal. While this configuration does result in the
loss of received signal power level, it does allow for presence-only
detection of low power RF bursts.
OUTPUT FILTERING
For applications in which maximum video bandwidth and, conse-
quently, fast rise time are desired, it is essential that the CLPF pin
be left unconnected and free of any stray capacitance.
To reduce the nominal output video bandwidth of 45 MHz, connect
a ground-referenced capacitor (CFLT) to the CLPF pin, as shown
in Figure 41. Generally, this is done to reduce output ripple (at
twice the input frequency for a symmetric input waveform, such as
sinusoidal signals).
Figure 41. Lowering the Postdemodulation Bandwidth
CFLT is selected by
CFLT= 1
π×3.13kΩ×VideoBandwidtℎ
−1.5pF (19)
Set the video bandwidth to a frequency equal to about one-tenth
the minimum input frequency. This ensures that the output ripple of
the demodulated log output, which is at twice the input frequency, is
well filtered.
In many log amp applications, it may be necessary to lower the
corner frequency of the postdemodulation filtering to achieve low
output ripple while maintaining a rapid response time to changes
in signal level. For an example of a 4-pole active filter, see the
AD8307 data sheet.
CONTROLLER MODE
The AD8318 provides a controller mode feature at the VOUT pin.
Using VSET for the setpoint voltage, it is possible for the AD8318 to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com