Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8318ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Data Sheet
AD8318
USING THE AD8318
analog.com
Rev. E | 14 of 24
RTADJ, nominally 499 Ω for optimal temperature compensation at
2.2 GHz input frequency, is connected between the TADJ pin
and ground (see Figure 23). The value of this resistor partially
determines the magnitude of an analog correction coefficient that is
employed to reduce intercept drift.
Table 5 lists recommended resistors for various frequencies. These
resistors provide the best overall temperature drift based on meas-
urements of a diverse population of devices.
The relationship between output temperature drift and frequency is
nonlinear and is not easily modeled. Experimentation is required to
choose the correct RTADJ resistor at frequencies not listed in Table
5.
Table 5. Recommended RTADJ Resistors
Frequency
Recommended RTADJ
900 MHz
500 Ω
1.9 MHz
500 Ω
2.2 GHz
500 Ω
3.6 GHz
51 Ω
5.8 GHz
1 kΩ
8 GHz
500 Ω
TEMPERATURE SENSOR
The AD8318 internally generates a voltage that is proportional to
absolute-temperature (VPTAT). The VPTAT voltage is multiplied by a
factor of 5, resulting in a 2 mV/°C output at the TEMP pin. The
output voltage at 27°C is typically 600 mV. An emitter follower
drives the TEMP pin, as shown in Figure 30.
Figure 30. TEMP Sensor Interface
The internal pull-down resistance is 5 kΩ. The temperature sensor
has a slope of 2 mV/°C.
The temperature sensor output varies with output current due to in-
creased die temperature. Output loads less than 1 kΩ draw enough
current from the output stage causing this increase to occur. An
output current of 10 mA results in the voltage on the temperature
sensor to increase by 1.5°C, or ~3 mV.
Best precision from the temperature sensor is obtained when the
supply current to AD8318 remains fairly constant, that is, no heavy
load drive.
MEASUREMENT MODE
When the VOUT voltage, or a portion of the VOUT voltage, is
fed back to VSET, the device operates in measurement mode. As
shown in Figure 31, the AD8318 has an offset voltage, a negative
slope, and a VOUT measurement intercept greater than its input
signal range.
Figure 31. Typical Output Voltage vs. Input Signal
The output voltage vs. input signal voltage of the AD8318 is linear-
in-dB over a multidecade range. The equation for this function is
VOUT = X × VSLOPE/DEC × log10(VIN/VINTERCEPT)
(3)
= X × VSLOPE/dB × 20 × log10(VIN/VINTERCEPT)
(4)
where:
X is the feedback factor in VSET = VOUT/X.
VINTERCEPT is expressed in Vrms.
VSLOPE/DEC is nominally −500 mV/decade and VSLOPE/dB is nominal-
ly −25 mV/dB.
VINTERCEPT, expressed in dBV, is the x-axis intercept of the linear-
in-dB transfer function shown in Figure 31. VINTERCEPT is 7 dBV (20
dBm, referenced to 50 Ω or 2.239 Vrms) for a sinusoidal input signal.
The slope of the transfer function can be increased to accommo-
date various converter mV per dB (LSB per dB) requirements.
However, increasing the slope can reduce the dynamic range.
This is due to the limitation of the minimum and maximum output
voltages, determined by the chosen scaling factor X.
The minimum value for VOUT is X × VOFFSET. The offset voltage,
VOFFSET, is equal to 0.5 V and is internally added to the detector
output signal.
VOUT(MIN) = (X × VOFFSET)
(5)
The maximum output voltage is 2.1 V × X, and cannot exceed 400
mV below the positive supply.
VOUT(MAX) = (2.1 V × X) when X < (VPOS − 400 mV)/(2.1 V)
(6)
VOUT(MAX) = (VPOS − 400 mV) when X ≥ (VPOS − 400 mV)/
(2.1 V)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com