Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  AD8318ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Data Sheet
AD8318
TABLE OF CONTENTS
analog.com
Rev. E | 2 of 24
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
Absolute Maximum Ratings...................................6
ESD Caution.......................................................6
Pin Configuration and Function Descriptions........ 7
Typical Performance Characteristics..................... 8
Theory of Operation.............................................11
Using the AD8318............................................... 12
Basic Connections............................................12
Enable Interface............................................... 12
Input Signal Coupling....................................... 12
Output Interface................................................13
Setpoint Interface............................................. 13
Temperature Compensation of Output
Voltage........................................................... 13
Temperature Sensor.........................................14
Measurement Mode......................................... 14
Device Calibration and Error Calculation......... 15
Selecting Calibration Points to Improve
Accuracy Over a Reduced Range..................16
Variation in Temperature Drift From Device
to Device........................................................ 17
Temperature Drift at Different Temperatures.... 17
Setting the Output Slope in Measurement
Mode.............................................................. 17
Response Time Capability............................... 18
Output Filtering.................................................18
Controller Mode................................................18
Characterization Setup and Methods............... 20
Evaluation Board................................................. 22
Outline Dimensions............................................. 24
Ordering Guide.................................................24
Evaluation Boards............................................ 24
REVISION HISTORY
12/2022—Rev. D to Rev. E
Change to Figure 23...................................................................................................................................... 12
Changes to Figure 37.................................................................................................................................... 17
Changes to Figure 43.................................................................................................................................... 19
Updated Outline Dimensions......................................................................................................................... 24
Changes to Ordering Guide........................................................................................................................... 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com