Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD8318ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD8318
SPECIFICATIONS
analog.com
Rev. E | 5 of 24
Table 1. (Continued)
Parameter
Conditions
Min
Typ
Max
Unit
VSET INTERFACE
VSET (Pin 7)
Nominal Input Range
PIN = 0 dBm; measurement mode2
0.5
PIN = −65 dBm; measurement mode2
2.1
V
Logarithmic Scale Factor
−0.04
dB/mV
Bias Current Source
PIN = −10 dBm; VSET = 2.1 V
2.5
μA
TEMPERATURE REFERENCE
TEMP (Pin 13)
Output Voltage
TA = 25°C, RLOAD = 10 kΩ
0.57
0.6
0.63
V
Temperature Slope
−40°C ≤ TA ≤ +85°C, RLOAD = 10 kΩ
2
mV/°C
Current Source/Sink
TA = 25°C
10/0.1
mA
POWER-DOWN INTERFACE
ENBL (Pin 16)
Logic Level to Enable Device
1.7
V
ENBL Current When Enabled
ENBL = 5 V
<1
μA
ENBL Current When Disabled
ENBL = 0 V; sourcing
15
μA
POWER INTERFACE
VPSI (Pin 3 and Pin 4), VPSO (Pin 9)
Supply Voltage
4.5
5
5.5
V
Quiescent Current
ENBL = 5 V
50
68
82
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
150
μA/°C
Supply Current when Disabled
ENBL = 0 V, total currents for VPSI and VPSO
260
μA
vs. Temperature
−40°C ≤ TA ≤ +85°C
350
μA
1 Controller mode.
2 Gain = 1. For other gains, see the Measurement Mode section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com