Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8318ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 17Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 18Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 19Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Data Sheet
AD8318
USING THE AD8318
analog.com
Rev. E | 16 of 24
vs. PIN equation, even within its operating region. The error at the
calibration points (−12 dBm and −52 dBm, in this case) is, however,
equal to 0 by definition.
Figure 32 includes error plots for the output voltage at −40°C
and +85°C. These error plots are calculated using the slope and
intercept at 25°C. This method is consistent with a mass-production
environment where calibration at temperature is not practical.
SELECTING CALIBRATION POINTS TO
IMPROVE ACCURACY OVER A REDUCED
RANGE
In some applications, very high accuracy is required at just one
power level or over a reduced input range. For example, in a
wireless transmitter, the accuracy of the high power amplifier (HPA)
is most critical at, or close to, full power.
Figure 33 shows the same measured data as Figure 32. Note that
accuracy is very high from −10 dBm to −30 dBm. Below −30 dBm,
the error increases to about −1 dB. This is because the calibration
points have changed to −14 dBm and −26 dBm.
Figure 33. Output Voltage and Error vs. PIN with 2-Point Calibration at −10
dBm and −30 dBm
Calibration points are chosen to suit the application at hand. In
general, the calibration points are never chosen in the nonlinear
portion of the transfer function of the log amp (above −5 dBm or
below −60 dBm, in this case).
Figure 34 shows how calibration points can be adjusted to increase
dynamic range but at the expense of linearity. In this case, the
calibration points for slope and intercept are set at −4 dBm and −60
dBm. These points are at the end of the linear range of the device.
=
Once again, at 25°C, an error of 0 dB is seen at the calibration
points. Note also that the range over which the AD8318 maintains
an error of < ±1 dB is extended to 60 dB at 25°C and 58 dB over
temperature. The disadvantage of this approach is that linearity
suffers, especially at the top end of the input range.
Figure 34. Dynamic Range Extension by Choosing Calibration Points Close
to the End of the Linear Range
Another way of presenting the error function of a log amp detector
is shown in Figure 35. In this case, the dB error at hot and cold
temperatures is calculated with respect to the output voltage at
ambient. This is a key difference in comparison to the plots in
Figure 33 and Figure 34. Previously, all errors were calculated with
respect to the ideal transfer function at ambient.
When this alternative technique is used, the error at ambient be-
comes, by definition, equal to 0 (see Figure 35). This is valid if the
device transfer function perfectly follows the ideal VOUT = Slope ×
(PIN − Intercept) equation. However, because a log amp in practice
never perfectly follows this equation (especially outside of its linear
operating range), this plot tends to artificially improve linearity and
extend the dynamic range. This plot is a useful tool for estimating
temperature drift at a particular power level with respect to the
(nonideal) output voltage at ambient. However, to achieve this level
of accuracy in an end application requires calibration at multiple
points in the operating range of the device.
Figure 35. Error vs. Temperature with Respect to Output Voltage at 25°C
(Does Not Take Transfer Function Nonlinearities at 25°C into Account)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com